Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020FLAEX Datasheet(PDF) 26 Page - Diodes Incorporated

Part # PI2DPX2020FLAEX
Description  1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020FLAEX Datasheet(HTML) 26 Page - Diodes Incorporated

Back Button PI2DPX2020FLAEX Datasheet HTML 22Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 23Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 24Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 25Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 26Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 27Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 28Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 29Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 30Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2020
26
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2020
Document Number DS43506 Rev 5-2
BYTE 4 (Override the Power Down Control)
Bit
Type
Power-up Condition
Control Affected
Comment
7
R/W
0
CON3 power down override
0 – Do not force the CON3 to power down state
1 – Force the CON3 to power down state
6
R/W
0
CON2 power down override
0 – Do not force the CON2 to power down state
1 – Force the CON2 to power down state
5
R/W
0
CON1 power down override
0 – Do not force the CON1 to power down state
1 – Force the CON1 to power down state
4
R/W
0
CON0 power down override
0 – Do not force the CON0 to power down state
1 – Force the CON0 to power down state
3
R/W
0
Reserved
2
R/W
1
IN_HPD_I2CMODE_
EN
Select the HPD feature is controlled by either I2C
register or IN_HPD pin
0 – PIN mode. The HPD feature is controlled by
the IN_HPD pin.
1 – I2C mode. The HPD feature is controlled by
the I2C register byte4<1>.
1
R/W
0
IN_HPD_ActiveHigh_
EN# or
IN_HPD_I2CMODE
When IN_HPD_I2CMODE_EN=0. This feature
bit control the relationship between the HPD
status and the setting of the IN_HPD pin.
0 – The HPD is asserted when IN_HPD pin is
HIGH.
1 – The HPD is asserted when IN_HPD pin is
LOW.
When IN_HPD_I2CMODE_EN=1. This feature
bit controls the HPD status by the I2C method
0 - HPD is de-asserted.
1 - HPD is asserted.
0
R/W
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com