Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020FLAEX Datasheet(PDF) 15 Page - Diodes Incorporated

Part # PI2DPX2020FLAEX
Description  1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020FLAEX Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button PI2DPX2020FLAEX Datasheet HTML 11Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 12Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 13Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 14Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 15Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 16Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 17Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 18Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2020
15
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2020
Document Number DS43506 Rev 5-2
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VRX-LFPS-
DET-DIFF-P
Deep Slumber Mode detect thresh-
old
LFPS signal threshold in U1/
U2/U3 mode, the input im-
pedance is set to 50Ω
100
300
mVppd
VTH_UPLUG Unplug Mode detect threshold
LFPS signal threshold in Un-
plug mode. The input imped-
ance is set to 78KΩ.
200
600
mVppd
VTH_AM
Active Mode Detector Threshold Signal threshold in Active and
Slumber mode
170
270
mVppd
TON_UPLUG Turn-on time of Unplug Mode
TX pin to RX pin latency
when input signal is LFPS
20
µs
TON_DSM
Turn-On time of Deep Slumber
Mode
TX pin to RX pin latency
when input signal is LFPS
5
µs
TON_SM
Turn-On time of Slumber mode
TX pin to RX pin latency
when input signal is LFPS,
5Gbps, 10Gbps data
20
ns
TRXDET_ON RX_DET response time
RX termination changes from
78KΩ to 50Ω
15
ms
TON_SAVE Ton from USB power saving mode
to active mode (U1/U2/U3 to U0)
Resume time from U1/U2/U3
back to U0 from LFPS detec-
tion. The termination resistor
remains at 50Ω.
5
µs
Tmode_USB_
DP
Configuration transition time
from USB mode to DP mode
From register bit written to
mode swap.
500
µs
Tmode_DP
Configuration time from DP mode
to USB mode
From register bit written to
mode swap.
500
µs
DisplayPort Electrical Specification
VTX-C
Common-Mode Voltage
| VTX-D+ + VTX-D- | /2
VDD-1V
VDD
V
VTX-AC-CM_
HBR_RBR
TX AC common mode voltage for
HRB and RBR
Measured using an 8b/10b
pattern with 50% transition
density
20
mVrms
VTX-AC-
CM_HBR2
TX AC common mode voltage for
HBR2
30
mVrms
VTX-DIFFp-p-
Level0
Differential peak-to-peak output
voltage swing Level 0
Tested with Pre-emphasis at
Level 0= 0dB
Level 1= 3.5dB
Level 2= 6.0 dB
0.34
0.4
0.46
V
VTX-DIFFp-p-
Level1
Differential peak-to-peak output
voltage swing Level 1
0.51
0.6
0.68
V
VTX-DIFFp-p-
Level2
Differential peak-to-peak output
voltage swing Level 2
0.69
0.8
0.92
V
AC/DC Characteristics Cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com