Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020FLAEX Datasheet(PDF) 22 Page - Diodes Incorporated

Part # PI2DPX2020FLAEX
Description  1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020FLAEX Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button PI2DPX2020FLAEX Datasheet HTML 18Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 19Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 20Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 21Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 22Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 23Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 24Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 25Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2020
22
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2020
Document Number DS43506 Rev 5-2
7. In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used, designers should allow for this when considering
bus timing.
8. Input filters on the SDA and SCL inputs suppress noise spikes of less than 50ns.
9. If VDD is switched off, I/O pins of Fast-mode and Fast-mode Plus device must not obstruct the SDA and SCL lines.
10. Special purpose device such as multiplexers and switches may exceed this capacitance because they connect multiple paths together.
Figure 11. I2C I/O Stage Noise Margin
0.9 VCC
0.7 VCC
0.3 VCC
0.4V
VOH
VIH
VIL
VOL
Driver High
Logic High
Noise Margin
Receiver
Threshold Band
Logic Low
Noise Margin
Driver Low
Characteristics of the SDA and SCL Bus Line for Standard, Fast, and Fast-mode Plus I2C-bus Device (1)
Symbol Parameter
Conditions
Standard-mode
Fast-mode
Fast-mode Plus
Units
Min.
Max.
Min.
Max.
Min.
Max.
fSCL
SCL clock frequency
0
100
0
400
0
1000
KHz
tHD;STA Hold time (repeated) START
condition
After this period, the
first clock pulse is gen-
erated.
4.0
0.6
0.26
µs
tLOW
LOW period of the SCL clock
4.7
1.3
0.5
µs
tHIGH
HIGH period of the SCL clock
4.0
0.6
0.26
µs
tSU;STA
Set-up time for a repeated
START condition
4.7
0.6
0.26
µs
tHD;DAT Data hold time(2)
CBUS compatible
masters
5.0
µs
I2C-Bus Devices
0(3)
(4)
0(3)
(4)
0
tSU;DAT
Data set-up time
250
100(5)
50
ns
tr
Rise time of both SDA and
SCL signals
1000
20
300
120
ns
tf
Fall time of both SDA and SCL
signals(3)(6)(7)(8)
300 20×(VDD
/5.5V)
300 20×(VDD
/5.5V)(9) 120
(8)
ns
tSU;STO
Set-up time for STOP condi-
tion
4.0
0.6
0.26
µs
tBUF
Bus free time between a STOP
and START condition
4.7
1.3
0.5
µs
Cb
Capacitive load for each bus
line(10)
400
400
550
pF
tVD;DAT Data valid time(11)
3.45(4)
0.9(4)
0.45(4)
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com