Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020FLAEX Datasheet(PDF) 23 Page - Diodes Incorporated

Part # PI2DPX2020FLAEX
Description  1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020FLAEX Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button PI2DPX2020FLAEX Datasheet HTML 19Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 20Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 21Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 22Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 23Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 24Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 25Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 26Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2020
23
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2020
Document Number DS43506 Rev 5-2
Symbol Parameter
Conditions
Standard-mode
Fast-mode
Fast-mode Plus
Units
Min.
Max.
Min.
Max.
Min.
Max.
tVD;ACK Data valid acknowledge
time(12)
3.45(4)
0.9(4)
0.45(4)
µs
VnL
Noise margin at the LOW level
For each connected
device (including
hysteresis)
0.1VDD
0.1VDD
0.1VDD
V
VnH
Noise margin at the HIGH
level
For each connected
device (including
hysteresis)
0.2VDD
0.2VDD
0.2VDD
V
Note:
1. All values referred to VIH(min) (0.3VDD) and VIL(max) (0.7VDD) levels.
2. tHD:DAT is the data hold time that is measured from the falling edge of SCL, applies to data in transmission and the acknowledge.
3. A device must internally provide a hold time of at least 300ns for the SDA signal (with respect to the VIH(min) of the SCL signal) to bridge the undefined region of
the falling edge of SCL.
4. The maximum tHD:DAT could be 3.45µs and 0.9µs for Standard-mode and Fast-mode, but must be less than the maximum of tVD:DAT or tVD:ACK by a transition
time. This maximum must only be met if the device does not stretch the LOW period (tLOW) of the SCL signal. If the clock stretches the SCL, the data must be valid
by the set-up time before it releases the clock.
5. A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement tSU:DAT 250ns must then be met. This will automatically be the
case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next data bit
to the SDA line tr(max) + tSU:DAT = 1000 + 250 = 1250ns (according to the Standard-mode I2C-bus specification) before the SCL line is released. Also the acknowledge
timing must meet this set-up time.
6. If mixed with Hs-mode device, faster fall times according to Table XX are allowed.
7. The maximum tf for the SDA and SCL bus lines is specified at 300ns. The maximum fall time for the SDA output stage tf is specified are 250ns. This allows series
protection resistors to be connected in between the SDA and the SCL pins and the SDA/SCL bus lines without exceeding the maximum specified tf.
8. In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used, designers should allow for this when considering
bus timing.
9. Necessary to be backwards compatible to Fast-mode.
10. The maximum bus capacitance allowable may vary from this value depending on the actual operating voltage and frequency of the application. Section XX dis-
cusses techniques for coping with higher bus capacitances.
11. tVS:DAT = time for data signal from SCL LOW to SDA output (HIGH or LOW, depending on which one is worse).
12. tVS:ACK = time for Acknowledgement signal from SCL LOW to SDA output (HIGH or LOW, depending on which one is worse).
Figure 12. Definition of timing for F/S-mode devices on the I2C bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com