Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020FLAEX Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PI2DPX2020FLAEX
Description  1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020FLAEX Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PI2DPX2020FLAEX Datasheet HTML 7Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 8Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 9Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 10Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 11Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 12Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 13Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 14Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2020
11
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2020
Document Number DS43506 Rev 5-2
Table 3. CTLE Equalization Gain (Typical Values at FG = 0dB)
EQ<2:0>
Equalizer Setting (dB)
HEX
@0.81GHz @1.35GHz @2.7GHz @4.05GHz @5.0GHz @6.75GHz @8.5GHz @10.0GHz
000
-0.1
-0.1
0.1
0.7
1.3
2.7
4.4
6.0
001
0
0
0.6
1.6
2.5
4.5
6.7
8.5
010
0.1
0.2
1.3
2.8
4.1
6.5
8.9
10.8
011
0.2
0.6
2.2
4.3
5.8
8.5
11.0
12.7
100
0.4
1.1
3.5
6.0
7.7
10.4
12.7
14.2
101
0.7
1.7
4.8
7.6
9.3
11.9
13.9
15.2
110
1.2
2.6
6.3
9.2
10.8
13.1
14.8
15.8
111
1.6
3.5
7.5
10.4
11.8
13.9
15.3
16.2
Note: F: Floating, R: External resistor to ground.
Table 4. Flat Gain Setting (FG)
I2C Register FG[1:0]
Flat Gain Setting
0
0
-4 dB
0
1
-2 dB
1
0
+0 dB (Default)
1
1
+2 dB
Table 5. Chip Enable Control
I2C Register Setting or
EN Pin (pin #15)
Channel Operation
0
Disabled
1
Enabled (Default)
Table 6. Device Slave Address Settings
Quad-Level Input Pin ADDR
I2C 7 Bit Slave Address
L
1
0
1
0
0
0
0
R
1
0
1
0
0
0
1
F
1
0
1
0
0
1
0
H
1
0
1
0
0
1
1
CTLE Equalization, Flat Gain and Chip Enable Controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com