Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020FLAEX Datasheet(PDF) 33 Page - Diodes Incorporated

Part # PI2DPX2020FLAEX
Description  1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020FLAEX Datasheet(HTML) 33 Page - Diodes Incorporated

Back Button PI2DPX2020FLAEX Datasheet HTML 29Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 30Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 31Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 32Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 33Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 34Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 35Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 36Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 37Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2020
33
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2020
Document Number DS43506 Rev 5-2
Application Schematics
USB PHY
USB PHY
DP PHY
DP PHY
Flip
Switch
Flip
Switch
Flip
Switch
Flip
Switch
Tx
Tx
Rx
Rx
CON_RX2
CON_RX1
CON_TX1
CON_TX2
Type-C
ReDriver
Type-C
ReDriver
compiant devices.
Passive Cable
Transmitter-IC
Receiver-IC
Source-side system
Sink-side system
Figure 13. Type-C Coupling Capacitor Connection Diagram
USB/DP
MUX
DP_Aux
Sourcing
AUXP
AUXN
PD
CC1
CC2
Lane0/RX2
Lane1/TX2
Lane3/RX1
Lane2/TX1
I2C_SDA
I2C_SCL
USB4.0
Sideband
SBRX
SBTX
GPIO
1.8V
2.5V 2.5V
1.8V
VBUS
3.3V
1.8V
3.3V
C1
10u
C12
0.1u
C3
0.1u
R4
220K
U2
PI3USB4000AZME@TQFN10
GND
3
L0-
4
L0+
5
OE#
8
Vdd
9
SEL
10
R5
2M
R2
220K
C6
0.1u
C9
0.33u
R8
*
C8
0.1u
C18
0.1u
C5
0.1u
R12
4.7K
U1
PI2DPX2020@FLA32
AP_TX2P
1
AP_TX2N
2
GND
3
AP_RX2P
4
AP_RX2N
5
VDD
6
AP_RX1N
7
AP_RX1P
8
GND
9
AP_TX1N
10
AP_TX1P
11
CON_RX1P
17
CON_RX1N
18
GND
19
CON_TX1P
20
CON_TX1N
21
VDD
22
CON_TX2N
23
CON_TX2P
24
GND
25
CON_RX2N
26
CON_RX2P
27
C17
0.22u
R3
220K
C20
0.1u
C23
0.22u
C2
0.1u
C14
0.1u
C4
0.1u
R10
*
C11
0.22u
R9
4.7k
R6
2M
C13
0.22u
C21
0.33u
R7
100K
C19
0.33u
C7
0.33u
C10
0.1u
R11
100K
C15
0.22u
C22
0.22u
JP1
GND
A1
SSTXp1
A2
SSTXn1
A3
VBUS
A4
CC1
A5
Dp1
A6
Dn1
A7
SBU1
A8
VBUS
A9
SSRXn2
A10
SSRXp2
A11
GND
A12
GND
B1
SSTXp2
B2
SSTXn2
B3
VBUS
B4
CC2
B5
Dp2
B6
Dn2
B7
SBU2
B8
VBUS
B9
SSRXn1
B10
SSRXp1
B11
GND
B12
R13
4.7K
C16
0.1u
R1
220K
CON_RX2P_C
CON_RX2N_C
CON_TX1N_C
CON_TX1P_C
CON_RX1N_C
CON_RX1P_C
CON_TX1N_C
CON_RX2N_C
CON_RX2P_C
CON_RX1P_C
CON_TX2N_C
CON_TX2P_C
CON_TX1P_C
CON_RX1N_C
D+
D-
SBU2
AUXN
AUXP
SBU2
SBU1
CON_TX2P_C
CON_TX2N_C
CC1
CC1
CC2
CC2
SBU1
AUXP
AUXN
Figure 14. Type-C DFP Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com