Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020FLAEX Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI2DPX2020FLAEX
Description  1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020FLAEX Datasheet(HTML) 1 Page - Diodes Incorporated

  PI2DPX2020FLAEX Datasheet HTML 1Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 2Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 3Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 4Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 5Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 6Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 7Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 8Page - Diodes Incorporated PI2DPX2020FLAEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
www.diodes.com
July 2022
Diodes Incorporated
PI2DPX2020
Document Number DS43506 Rev 5-2
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Ordering Number
Package Code Description
PI2DPX2020FLAEX
FLA
32-Pin, W-LGA4528-32
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU
(RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. Seehttps://www.diodes.com/quality/lead-free/formoreinformationaboutDiodes
Incorporated’sdefinitionsofHalogen-andAntimony-free,"Green"andLead-free.
3. Halogen-andAntimony-free"Green”productsaredefinedasthosewhichcontain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
4. E = Pb-free and Green
5. X suffix = Tape/Reel
A Product Line of
Diodes Incorporated
PI2DPX2020
b
P
Lead-free Green
Ordering Information
Features
y
4-to-4 linear ReDriver™ channel configuration with CTLE
gain compensation up to 16dB @20Gbps
y
Configurable for USB4 Gen 3 (20Gbps single port or dual
port), TBT4 (20.625Gbps single port or dual port), USB4
Gen 2 (10Gbps x1 or x2), 1-port USB4 Gen 3/2-lane DP2.0
(UHBR20/UHBR13, UHBR10), 4-lane DP2.0(UHBR20/
UHBR13/UHBR10)
y
Default Hi-Z for high speed channels and SBU pins compliant
to USB-C® Safe State
y
Ultra low latency (< 300ps) for better interoperability and data
throughput
y
Individual controls on CTLE gain(6 to 16dB @10Ghz), Flat
Gain(-4 to +2dB)
y
Integrated AUX channel crossbar switch for side band signal
y
Type-C connector flip and non-flip plug support
y
I2C Slave support with speed up to 1MHz
y
Low Power - USB and DisplayPort active U0 (300mW), and
USB Deep Slumber mode U1/U2/U3 (3mW), Modern Standby
(1.8mW)
y
Single Power Supply: 1.8V +/-5%
y
Industrial Temperature Support: -40oC to +85oC
y
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y
Halogen and Antimony Free. “Green” Device (Note 3)
y
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200,
PPAP capable, and manufactured in IATF 16949
certified facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
y
Packaging (Pb-free & Green):
à
Tiny 32-pin WLGA 2.85mm x 4.5mm (0.4 mm pitch)
Applications
y
Laptop, Desktop and AIO PCs
y
Workstation and Server
y
Docking Station
y
Display Monitor
y
Gaming Console
y
Active Cable
Description
The DIODES™ PI2DPX2020 is a 20Gbps non-blocking USB
Type-C DP-Alt mode linear ReDriver in a 4-to-4 configuration
operated by a 1.8V power supply. It supports multiple opera-
tion modes through I2C bus settings for single-port USB4 Gen
3, dual-port USB4 Gen 3x2, 1-port USB4 Gen 3/2-lane DP2.0
(UHBR20) and 4-lane DP2.0 (UHBR20). It swaps the high
speed channels under the flip and non-flip plug connection
in compliance to Type-C connector with the integrated AUX
crossbar switch for SBU pins.
The non-blocking linear ReDriver design ensures that the dif-
ferential signals conveying pre-shoot and de-emphasis equal-
ization waveforms from the transmitter side to the receiver side
help optimize the overall channel link adjustment conducted
by the system transmitter and receiver that has been equipped
with DFE. The CTLE equalizers are implemented at the inputs
of the ReDriver to compensate the channel loss and reduce the
ISI jitters. The programmable flat gain adjustments support the
eye diagram opening.
The CTLE EQ gains and flat gains are individually program-
mable on each channel for flexible tuning via the I2C register
settings. The on-chip signal detector and DP AUX Listener en-
able the ReDriver to enter the USB power saving mode or the
DP D3 power down mode to further reduce standby power con-
sumption.
ReDriver is a trademark of Diodes Incorporated.
DIODES is a trademark of Diodes Incorporated in the United States and other countries.
The Diodes logo is a registered trademark of Diodes Incorporated in the United States and other countries.
USB Type-C® and USB-C® are registered trademarks of USB Implementers Forum.


Similar Part No. - PI2DPX2020FLAEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPX2020A DIODES-PI2DPX2020A Datasheet
401Kb / 2P
1.8V, 13.5Gbps Linear ReDriver withAUX Listener for Full Functionality in USB Type-C® Connectivity
More results

Similar Description - PI2DPX2020FLAEX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
logo
Diodes Incorporated
PI3DPX1207B DIODES-PI3DPX1207B Datasheet
672Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and built-in Aux Switch
PI3DPX1207C DIODES-PI3DPX1207C Datasheet
838Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and Built-in Aux Switch
PI2DPT1021 DIODES-PI2DPT1021 Datasheet
1Mb / 1P
DP-Alt Type-C 10Gbps Bi-directional Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 4 - 2 October 2022
PI2DPT821 DIODES-PI2DPT821 Datasheet
1,013Kb / 1P
DP-Alt Type-C 8.1Gbps Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 2 - 2 October 2022
PI2DPX2023 DIODES-PI2DPX2023 Datasheet
1Mb / 23P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
Rev 4 - 2 July 2022
PI2DPX2063 DIODES-PI2DPX2063 Datasheet
1Mb / 36P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
Rev 2 - 2 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com