Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Auto SPM Series Automotive 3-Phase IGBT Smart Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 4 Page - ON Semiconductor

  FAM65V05DF1 Datasheet HTML 1Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 2Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 3Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 4Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 5Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 6Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FAM65V05DF1
www.onsemi.com
4
GATE DRIVERS BLOCK DIAGRAM
High Side Gate Driver (x3 Single Channel)
• Control circuit under−voltage (UV) protection
• 3.3 V/5 V CMOS/LSTTL compatible, Schmitt trigger
input
Figure 3. High Side Gate Drivers (Block Diagram)
25 V
XOR
UVLO
R
R
S
Q
25 V
High−Side Region
VS
HO
VB
VCC
HIN
AS7107X
25 V
COM
5 kW
Input
Filter
Short−Pulse
Generator
Common
Mode
Common
Mode
Noise
Canceller
Noise
Canceller
Noise
Filter
Pre
Driver
Low Side Gate Driver (x1 Monolithic Three−Channel)
• Control circuit under−voltage (UV) protection
• Short circuit protection (SC)
• Temperature sensing unit
• Fault Output
• 3.3 V/5 V CMOS/LSTTL compatible, Schmitt trigger
input
Figure 4. Low Side Gate Drivers (Block Diagram)
FO
CSC
UVLO
LINW
LOV
LOW
TSU
U−Phase
LOU
LINU
V−Phase
LINV
VCC
COM
5 kW
TSU
(Temperature Sensing Unit)
Input Filter
Matching Delay
TSD
0.5 V
25 V
CSC Filter
Restart
Timer
Filter
80 mA
Pre
Driver
VDD
W−Phase
AS4743X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com