Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Auto SPM Series Automotive 3-Phase IGBT Smart Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FAM65V05DF1 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 10Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 11Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 12Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 13Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 14Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
FAM65V05DF1
www.onsemi.com
11
TYPICAL INVERTER CHARACTERISTICS (continued)
Figure 12. Reverse Recovery Energy DIODE Inverter
(Typical) versus Forward Current
VCC = VBS = 15 V
VIN = 0 V ↔ 5 V, Ls = 55 nH, Inductive Load, TJ = 125°C
IF, Forward Current (A)
Figure 13. Reverse Bias Safe Operating Area IGBT
(RBSOA) Inverter
VCC = VBS = 15 V, Tj = 150°C
Time Duration (s)
Figure 14. Transient Thermal Impedance IGBT
Inverter
Figure 15. Transient Thermal Impedance DIODE
Inverter
0.00
0.10
0.20
0.30
0.40
0.50
0
20406080
100
ERR, VPN = 450 V, HS
ERR, VPN = 450 V, LS
ERR, VPN = 300 V, HS
ERR, VPN = 300 V, LS
0
25
50
75
100
125
150
175
0
100
200
300
400
500
600
700
IC Module
IC Chip
VCE (V)
0.01
0.10
1.00
0.0001
0.001
0.01
0.1
1
ZthJC IGBT
i:
1
2
3
4
ri [°C/W]: 0.0264
0.0615
0.132
0.05
t [s]:
6.04e−6
5.8e−5
1.25e−3 5.14e−3
0.01
0.10
1.00
0.0001
0.001
0.01
0.1
1
ZthJC DIODE
Time Duration (s)
i:
1
2
3
4
ri [°C/W]: 0.0070
0.1389
0.2439
0.1411
t [s]:
1.05e−5
1.31e−4 2.09e−3 5.86e−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com