Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Auto SPM Series Automotive 3-Phase IGBT Smart Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 10Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 11Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 12Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 13Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 14Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 15Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
FAM65V05DF1
www.onsemi.com
13
TIMING CHART PROTECTIVE FUNCTION
Figure 20. Short−Circuit Current Protection
SC Reference Voltage
Fault Output Signal
SC
SET
RESET
A1
A2
A3
A4
A5
A8
A6
A7
Lower arms
control input
Protection
circuit state
Lower arms
gate input
Output Current
Sensing Voltage
tFOD
Step
Description
A1
A2
A3
A4
A5
A6
A7
A8
Normal operation. IGBT on and carrying current
Short−circuit current threshold reached
Protection function triggered
IGBT turns off with soft turn−off
Fault output activated (initial delay 2 ms, tFOD min. 50 ms)
IGBT “LO” input
IGBT “HI” input is ignored
Current stays at zero during fault state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com