Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 14 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Auto SPM Series Automotive 3-Phase IGBT Smart Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 10Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 11Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 12Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 13Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 14Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 15Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
FAM65V05DF1
www.onsemi.com
14
Figure 21. Under−Voltage Protection (Low−side)
Step
Description
B1
B2
B3
B4
B5
B6
B7
Control supply voltage rises above reset voltage UVCCR
Normal operation. IGBT on and carrying current
Control supply voltage falls below detection voltage UVCCD
Filtered supply voltage falls below UVCCD and IGBT turns off
Fault output activated (initial delay 2 ms, tFOD min. 50ms)
Control supply voltage rises above reset voltage UVCCR
IGBT “HI” input is followed after fault output duration and supply voltage rise
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
Protection Circuit
State
SET
RESET
Filtering
Restart
B1
B2
B3
B4
B6
B7
High−level (no fault output)
UVCCD
UVCCR
B5
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
Protection Circuit
State
SET
RESET
Filtering
Restart
C1
C2
C3
C4
C5
C6
UVBSR
UVBSD
Step
Description
C1
C2
C3
C4
C5
C6
Control supply voltage rises above reset voltage UVCCR
Normal operation. IGBT on and carrying current
Control supply voltage falls below detection voltage UVCCD
Filtered supply voltage falls below UVCCD and IGBT turns off
Control supply voltage rises above reset voltage UVCCR
IGBT “HI” input is followed after supply voltage rise
Figure 22. Under−Voltage Protection (High−side)
SPM is a registered trademark of Semiconductor Components Industries, LLC dba “onsemi” or its affiliates and/or subsidiaries in the United States and/or
other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com