Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Auto SPM Series Automotive 3-Phase IGBT Smart Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 5 Page - ON Semiconductor

  FAM65V05DF1 Datasheet HTML 1Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 2Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 3Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 4Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 5Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 6Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FAM65V05DF1
www.onsemi.com
5
ABSOLUTE MAXIMUM RATINGS (TJ = 25°C, unless otherwise specified)
Symbol
Parameter
Conditions
Rating
Unit
INVERTER PART
VPN
Supply Voltage
Applied between P− NU, NV, NW
500
V
VPN(Surge)
Supply Voltage (Surge)
Applied between P− NU, NV, NW
dI/dt ≤ 3 A/ns
575
V
VCES
Collector−Emitter Voltage
at the IGBT/Diode
TJ = 25°C
650
V
±IC
IGBT Continuous Collector
Current
TC = 100°C, TJmax = 175°C (Note 1)
50
A
±ICP
IGBT Peak Collector Pulse
Current
TC = 100°C, TJmax = 175°C,
VCC = VBS = 15 V, less than 1 ms (Note 6)
150
A
PC
Collector Dissipation
TC = 25°C per IGBT
333
W
TJ
Junction Temperature
IGBT/Diode
−40 ~ +175
°C
Driver IC
−40 ~ +150
°C
CONTROL PART
VCC
Control Supply Voltage
Applied between VCC(H), VCC(L) − COM
20
V
VBS
High−side Control Bias Voltage Applied between VB(U) − VS(U),
VB(V) − VS(V), VB(W) − VS(W)
20
V
VIN
Input Signal Voltage
Applied between IN(UH), IN(VH), IN(WH),
IN(UL), IN(VL), IN(WL) − COM
−0.3 ~ VCC + 0.3
V
VFO
Fault Output Supply Voltage
Applied between VFO − COM
−0.3 ~ VCC + 0.3
V
IFO
Fault Output Current
Sink Current at VFO Pin
5
mA
VSC
Current Sensing Input Voltage
Applied between CSC − COM
−0.3 ~ VCC + 0.3
V
VTS
Temperature Sense Unit
−0.3 ~ 2/3 × VCC
V
TOTAL SYSTEM
TSTG
Storage Temperature
−40 ~ 125
°C
VISO
Isolation Voltage
60 Hz, Sinusoidal, AC 1 minute,
Connection Pins to heat sink plate
2500
Vrms
TLEAD
Max Lead Temperature at the
Base of the Package During
pcb Assembly
No remelt of internal solder joints
200
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
PACKAGE CHARACTERISTICS
Symbol
Parameter
Conditions
Typ
Max
Unit
Rth(j−c)Q
Junction to Case Thermal
Resistance (Note 2)
Inverter IGBT part (per IGBT)
−
0.45
°C/W
Rth(j−c)F
Inverter FWD part (per DIODE)
−
0.85
°C/W
Ls
Package Stray Inductance
P to NU, NV, NW (Note 3)
24
−
nH
1. Current limited by package terminal, defined by design.
2. Case temperature measured below the package at the chip center, compliant with MIL STD 883−1012.1 (single chip heating), DBC
discoloration allowed, please refer to application note AN−9190 (Impact of DBC Oxidation on SPM Module Performance).
3. Stray inductance per phase measured per IEC 60747−15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com