Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Auto SPM Series Automotive 3-Phase IGBT Smart Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FAM65V05DF1 Datasheet HTML 2Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 3Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 4Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 5Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 6Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
FAM65V05DF1
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
INVERTER PART (TJ as specified)
VCE(SAT)
Collector-Emitter Leakage
Current
VCC = VBS = 15 V, VIN = 5 V
IC = 50 A, TJ = 25°C
−
1.65
−
V
VCC = VBS = 15 V, VIN = 5 V
IC = 50 A, TJ = 125°C
−
1.9
2.4
V
VF
FWD Forward Voltage
VIN = 0 V, IF = 30 A, TJ = 25°C
−
2.1
−
V
VIN = 0 V, IF = 30 A, TJ = 125°C
−
1.9
2.5
V
HS
tON
High Side Switching Times
VPN = 300 V, VCC = VBS = 15 V
IC = 50 A
VIN = 0 V ↔ 5 V, Ls = 55 nH,
Inductive Load
TJ = 25°C (Notes 4, 5)
−
0.73
−
ms
tC(ON)
−
0.12
−
tOFF
−
0.80
−
tC(OFF)
−
0.14
−
trr
−
0.10
−
tON
High Side Switching Times
VPN = 300 V, VCC = VBS = 15 V
IC = 50 A
VIN = 0 V ↔ 5 V, Ls = 55 nH,
Inductive Load
TJ = 125°C (Notes 4, 5)
−
0.70
−
ms
tC(ON)
−
0.15
−
tOFF
−
0.87
−
tC(OFF)
−
0.19
−
trr
−
0.20
−
LS
tON
Low Side Switching Times
VPN = 300 V, VCC = VBS = 15 V
IC = 50 A
VIN = 0 V ↔ 5 V, Ls = 55 nH,
Inductive Load
TJ = 25°C (Notes 4, 5)
−
0.68
−
ms
tC(ON)
−
0.20
−
tOFF
−
0.86
−
tC(OFF)
−
0.19
−
trr
−
0.14
−
tON
Low Side Switching Times
VPN = 300 V, VCC = VBS = 15 V
IC = 50 A
VIN = 0 V ↔ 5 V, Ls = 55 nH,
Inductive Load
TJ = 125°C (Notes 4, 5)
−
0.64
−
ms
tC(ON)
−
0.24
−
tOFF
−
0.88
−
tC(OFF)
−
0.23
−
trr
−
0.20
−
SCWT
Short Circuit Withstand Time
(Note 6)
VCC = VBS = 15 V, VPN = 450 V,
TJ = 25°C, Non−repetitive
−
5
−
ms
ICES
Collector−Emitter Leakage
Current for IGBT and Diode
in Parallel
TJ = 25°C, VCE = 650 V
−
3
−
mA
TJ = 125°C, VCE = 650 V
−
150
1500
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com