Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Auto SPM Series Automotive 3-Phase IGBT Smart Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FAM65V05DF1 Datasheet HTML 5Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 6Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 10Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 11Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 12Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
FAM65V05DF1
www.onsemi.com
9
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Conditions
Min
Max
Max
Unit
VPN
Supply Voltage
Applied between P − NU, NV, NW
−
450
500
V
VCC
Control Supply Voltage
Applied between VCC(H), VCC(L) − COM
13.5
15
16.5
V
VBS
High−side Bias Voltage
Applied between VB(U) − VS(U),
VB(V) − VS(V), VB(W) − VS(W)
13.3
15
18.5
V
dVCC/dt,
dVBS/dt
Control Supply Variation
−1
−
1
V/ms
tdead
Blanking Time for Preventing Arm−short
For Each Input Signal
1.0
−
−
ms
fPWM
PWM Input Signal
TC = 125°C
−
−
20
kHz
VSEN
Voltage for Current Sensing
Applied between NU, NV, NW
– COM (Including surge voltage)
−4
−
4
V
TJ
Junction Temperature
−40
−
150
°C
MECHANICAL CHARACTERISTICS AND RATINGS
Limits
Parameter
Conditions
Conditions
Min
Typ
Max
Unit
Mounting Torque
Mounting Screw: − M3
Recommended 0.62 N⋅m
0.52
0.62
0.80
N⋅m
Device Flatness
−
−
+150
mm
Weight
−
15
−
g
Figure 7. Flatness Measurement Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com