Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Auto SPM Series Automotive 3-Phase IGBT Smart Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FAM65V05DF1 Datasheet HTML 3Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 4Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 5Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 6Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 10Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FAM65V05DF1
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Unit
Max
Typ
Min
Test Conditions
Parameter
CONTROL PART (TJ = −40°C to 150°C, unless otherwise specified, typical values specified at TJ = 125°C)
IQCCL
Quiescent VCC Supply Current
VCC = 15 V,
IN(UL, VL, WL) = 0 V
VCC(L) − COM
−
−
5
mA
IQCCH
VCC = 15 V,
IN(UH, VH, WH) = 0 V
VCC(H) − COM
−
−
150
mA
IPCCH
Operating VCC Supply Current
VCC(UH, VH, WH) = 15 V
fPWM = 20 kHz
Duty = 50%, applied to
one PWM signal input
for high−side
VCC(UH) – COM
VCC(VH) – COM
VCC(WH) – COM
−
−
0.30
mA
IQCCL
VCC(UH, VH, WH) = 15 V
fPWM = 20 kHz
Duty = 50%, applied to
one PWM signal input
for low−side
VCC(L) – COM
−
−
8.5
mA
IQBS
Quiescent VBS Supply Current
VBS = 15 V,
IN(UH, VH, WH) = 0 V
VB(U) − VS(U)
VB(V) −VS(V)
VB(W) − VS(W)
−
−
150
mA
IPBS
Operating VBS Supply Current
VCC = VBC = 15 V
IN(UH, VH, WH) = 0 V
VB(U) − VS(U)
VB(V) −VS(V)
VB(W) − VS(W)
−
−
4.5
mA
VFOH
Fault Output Voltage
VSC = 0 V, VFO Circuit: 4.7 kW to 5 V Pull−up
4.5
−
−
V
VFOL
VSC = 1 V, VFO Circuit: 4.7 kW to 5 V Pull−up
−
−
0.5
V
VSC(ref)
Short−Circuit Trip Level
VCC = 15 V (Note 7)
CSC−COM
0.45
0.52
0.59
V
UVCCD
Supply Circuit Under−
Voltage Protection
Detection Level, TJ = 125°C
10.6
−
13.2
V
UVCCR
Reset Level, TJ = 125°C
11.0
−
13.8
V
UVBSD
Detection Level, TJ = 125°C
10.5
−
13
V
UVBSR
Reset Level, TJ = 125°C
10.8
−
13.3
V
tFOD
Fault−out Pulse Width
−
60
−
ms
VTS
LVIC Temperature Sensing
Voltage Output
VCC(L) = 15 V, TLVIC =125°C (Note 8)
−
2.4
−
V
VIN(ON)
ON Threshold Voltage
Applied between IN(UH), IN(VH), IN(WH),
IN(UL), IN(VL), IN(WL) – COM
−
2.6
3.1
V
VIN(OFF)
OFF Threshold Voltage
0.9
1.2
−
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. tON and tOFF include the propagation delay time of the internal drive IC. tC(ON) and tC(OFF) are the switching times of IGBT itself under the
given gate driving condition internally. Refer to Figure 6 for detailed information.
5. Stray inductance Ls is sum of stray inductance of module & setup.
6. Verified by design and bench−testing only.
7. Short−circuit current protection is functional only for low side.
8. TLVIC is the junction temperature of the LVIC itself.
PACKAGE MARKING AND ORDERING INFORMATION
Part Number
Top Marking
Package
Shipping
FAM65V05DF1
FAM65V05DF1
ASPM27−CCA
10 Units/Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com