Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Auto SPM Series Automotive 3-Phase IGBT Smart Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FAM65V05DF1 Datasheet HTML 6Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 10Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 11Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 12Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 13Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
FAM65V05DF1
www.onsemi.com
10
TYPICAL INVERTER CHARACTERISTICS
Figure 8. Output Characteristics IGBT Inverter
(Typical)
VCC = VBS = 15 V, VIN = 5 V
0
10
20
30
40
50
60
70
80
90
100
012
34
VCE (V)
TJ = 25°C
TJ = 125°C
TJ = 150°C
0
10
20
30
40
50
60
70
80
90
100
01
234
TJ = 25°C
TJ = 125°C
TJ = 150°C
VCE (V)
Figure 9. Forward Characteristics DIODE Inverter
(Typical)
VIN = 0 V
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
0
2040
6080
100
EON, VPN = 450 V
EOFF, VPN = 450 V
EON, VPN = 300 V
EOFF, VPN = 300 V
IC, Collector Current (A)
Figure 10. Switching Losses IGBT Inverter High−Side
(Typical) versus Collector Current
VCC = VBS = 15 V
VIN = 0 V ↔ 5 V, Ls = 55 nH, Inductive Load, TJ = 125°C
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
0
20406080
100
EON, VPN = 450 V
EOFF, VPN = 450 V
EON, VPN = 300 V
EOFF, VPN = 300 V
IC, Collector Current (A)
Figure 11. Switching Losses IGBT Inverter Low−Side
(Typical) versus Collector Current
VCC = VBS = 15 V
VIN = 0 V ↔ 5 V, Ls = 55 nH, Inductive Load, TJ = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com