Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1666CG Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1666CG
Description  12-Bit, 14-Bit, 16-Bit, 50Msps DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1666CG Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1666CG Datasheet HTML 4Page - Linear Technology LTC1666CG Datasheet HTML 5Page - Linear Technology LTC1666CG Datasheet HTML 6Page - Linear Technology LTC1666CG Datasheet HTML 7Page - Linear Technology LTC1666CG Datasheet HTML 8Page - Linear Technology LTC1666CG Datasheet HTML 9Page - Linear Technology LTC1666CG Datasheet HTML 10Page - Linear Technology LTC1666CG Datasheet HTML 11Page - Linear Technology LTC1666CG Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC1666/LTC1667/LTC1668
LTC1667
REFOUT (Pin 15): Internal Reference Voltage Output.
Nominal value is 2.5V. Requires a 0.1
µF bypass capacitor
to AGND.
IREFIN (Pin 16): Reference Input Current. Nominal value is
1.25mA for IFS = 10mA. IFS = IREFIN • 8.
AGND (Pin 17): Analog Ground.
LADCOM (Pin 18): Attenuator Ladder Common. Normally
tied to GND.
IOUT B (Pin 19): Complementary DAC Output Current. Full-
scale output current occurs when all data bits are 0s.
IOUT A (Pin 20): DAC Output Current. Full-scale output
current occurs when all data bits are 1s.
COMP1 (Pin 21): Current Source Control Amplifier Com-
pensation. Bypass to VSS with 0.1µF.
COMP2 (Pin 22): Internal Bypass Point. Bypass to VSS
with 0.1
µF.
VSS (Pin 23): Negative Supply Voltage. Nominal value is
– 5V.
DGND (Pin 24): Digital Ground.
VDD (Pin 25): Positive Supply Voltage. Nominal value is 5V.
CLK (Pin 26): Clock Input. Data is latched and the output
is updated on positive edge of clock.
DB13 to DB0 (Pins 27, 28, 1 to 12 ): Digital Input Data Bits.
LTC1668
REFOUT (Pin 15): Internal Reference Voltage Output.
Nominal value is 2.5V. Requires a 0.1
µF bypass capacitor
to AGND.
IREFIN (Pin 16): Reference Input Current. Nominal value is
1.25mA for IFS = 10mA. IFS = IREFIN • 8.
AGND (Pin 17): Analog Ground.
LADCOM (Pin 18): Attenuator Ladder Common. Normally
tied to GND.
IOUT B (Pin 19): Complementary DAC Output Current. Full-
scale output current occurs when all data bits are 0s.
IOUT A (Pin 20): DAC Output Current. Full-scale output
current occurs when all data bits are 1s.
COMP1 (Pin 21): Current Source Control Amplifier Com-
pensation. Bypass to VSS with 0.1µF.
COMP2 (Pin 22): Internal Bypass Point. Bypass to VSS
with 0.1
µF.
VSS (Pin 23): Negative Supply Voltage. Nominal value is
– 5V.
DGND (Pin 24): Digital Ground.
VDD (Pin 25): Positive Supply Voltage. Nominal value is 5V.
CLK (Pin 26): Clock Input. Data is latched and the output
is updated on positive edge of clock.
DB15 to DB0 (Pins 27, 28, 1 to 14 ): Digital Input Data Bits.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com