Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1666CG Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1666CG
Description  12-Bit, 14-Bit, 16-Bit, 50Msps DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1666CG Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1666CG Datasheet HTML 10Page - Linear Technology LTC1666CG Datasheet HTML 11Page - Linear Technology LTC1666CG Datasheet HTML 12Page - Linear Technology LTC1666CG Datasheet HTML 13Page - Linear Technology LTC1666CG Datasheet HTML 14Page - Linear Technology LTC1666CG Datasheet HTML 15Page - Linear Technology LTC1666CG Datasheet HTML 16Page - Linear Technology LTC1666CG Datasheet HTML 17Page - Linear Technology LTC1666CG Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC1666/LTC1667/LTC1668
APPLICATIO S I FOR ATIO
Operating with Reduced Output Currents
The LTC1666/LTC1667/LTC1668 are specified to operate
with full-scale output current, IOUTFS, from the nominal
10mA down to 1mA. This can be useful to reduce power
dissipation or to adjust full-scale value. However, the DC
and AC accuracy is specified only at IOUTFS = 10mA, and
DC and AC accuracy will fall off significantly at lower IOUTFS
values. At IOUTFS = 1mA, the LTC1668 INL and DNL
typically degrade to the 14-bit to 13-bit level, compared to
16-bit to 15-bit typical accuracy at 10mA IOUTFS. Increas-
ing IOUTFS from 1mA, the accuracy improves rapidly,
roughly in proportion to 1/IOUTFS. Note that the AC perfor-
mance (SFDR) is affected much more by reduced IOUTFS
than it is by reduced digital amplitude (see Typical Perfor-
mance Characteristics). Therefore it is usually better to
make large gain adjustments digitally, keeping IOUTFS
equal to 10mA.
Output Configurations
Based on the specific application requirements, the
LTC1666/LTC1667/LTC1668 allow a choice of the best of
several output configurations. Voltage outputs can be
generated by external load resistors, transformer coupling
or with an op amp I-to-V converter. Single-ended DAC
output configurations use only one of the outputs, prefer-
ably IOUT A, to produce a single-ended voltage output.
Differential mode configurations use the difference be-
tween IOUT A and IOUT B to generate an output voltage,
VDIFF, as shown in equation 11. Differential mode gives
much better accuracy in most AC applications. Because
the DAC chip is the point of interface between the digital
input signals and the analog output, some small amount
of noise coupling to IOUT A and IOUT B is unavoidable. Most
of that digital noise is common mode and is canceled by
the differential mode circuit. Other significant digital noise
components can be modeled as VREF or IOUTFS noise. In
single-ended mode, IOUTFS noise is gone at zero scale and
is fully present at full scale. In differential mode, IOUTFS
noise is cancelled at midscale input, corresponding to zero
analog output. Many AC signals, including broadband and
multitone communications signals with high peak to aver-
age ratios, stay mostly near midscale.
Differential Transformer-Coupled Outputs
Differential transformer-coupled output configurations
usually give the best AC performance. An example is
shown in Figure 5. The advantages of transformer cou-
pling include excellent rejection of common mode distor-
tion and noise over a broad frequency range and conve-
nient differential-to-single-ended conversion with isola-
tion or level shifting. Also, as much as twice the power can
be delivered to the load, and impedance matching can be
accomplished by selecting the appropriate transformer
turns ratio. The center tap on the primary side of the
transformer is tied to ground to provide the DC current
path for IOUT A and IOUT B. For low distortion, the DC
average of the IOUT A and IOUT B currents must be exactly
equal to avoid biasing the core. This is especially impor-
tant for compact RF transformers with small cores. The
circuit in Figure 5 uses a Mini-Circuits T1-1T RF trans-
former with a 1:1 turns ratio. The load resistance on
IOUT A and IOUT B is equivalent to a single differential
resistor of 50
Ω, and the 1:1 turns ratio means the output
impedance from the transformer is 50
Ω. Note that the
load resistors are optional, and they dissipate half of the
output power. However, in lab environments or when
driving long transmission lines it is very desirable to have
a 50
Ω output impedance. This could also be done with a
50
Ω resistor at the transformer secondary, but putting
the load resistors on IOUT A and IOUT B is preferred since
it reduces the current through the transformer. At signal
frequencies lower than about 1MHz, the transformer core
size required to maintain low distortion gets larger, and at
some lower frequencies this becomes impractical.
Figure 5. Differential Transformer-Coupled Outputs
IOUT B
IOUT A
50
Ω
50
Ω
110
Ω
MINI-CIRCUITS
T1-1T
RLOAD
1666/7/8 F06
LTC1666/
LTC1667/
LTC1668



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com