Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1666CG Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1666CG
Description  12-Bit, 14-Bit, 16-Bit, 50Msps DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1666CG Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1666CG Datasheet HTML 6Page - Linear Technology LTC1666CG Datasheet HTML 7Page - Linear Technology LTC1666CG Datasheet HTML 8Page - Linear Technology LTC1666CG Datasheet HTML 9Page - Linear Technology LTC1666CG Datasheet HTML 10Page - Linear Technology LTC1666CG Datasheet HTML 11Page - Linear Technology LTC1666CG Datasheet HTML 12Page - Linear Technology LTC1666CG Datasheet HTML 13Page - Linear Technology LTC1666CG Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC1666/LTC1667/LTC1668
BLOCK DIAGRA
TI I G DIAGRA
1666/7/8 TD
tDS
tDH
CLK
N – 1
N – 1
N
N
N + 1
DATA
INPUT
IOUT A/IOUT B
tCLKL
tCLKH
tPD
0.1%
tST
–
+
IFS/8
IREFIN
IINT
RSET
2k
0.1
µF
0.1
µF
0.1
µF
–5V
0.1
µF
REFOUT
VREF
15
16
COMP1
21
COMP2
VSS
22
23
2.5V
REFERENCE
ATTENUATOR
LADDER
LSB SWITCHES
INPUT LATCHES
CLOCK
INPUT
16-BIT
DATA INPUT
SEGMENTED SWITCHES
FOR DB15–DB12
CURRENT SOURCE ARRAY
AGND
17
DGND
24
CLK
DB0
DB15
• • •
• • •
• • •
• • •
26
27
14
1668 BD
18
LADCOM
20
IOUT A
19
IOUT B
52.3
Ω 52.3Ω
VOUT
1VP-P
DIFFERENTIAL
+
–
0.1
µF
25
5V
VDD
LTC1668



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com