Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1666CG Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1666CG
Description  12-Bit, 14-Bit, 16-Bit, 50Msps DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1666CG Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1666CG Datasheet HTML 16Page - Linear Technology LTC1666CG Datasheet HTML 17Page - Linear Technology LTC1666CG Datasheet HTML 18Page - Linear Technology LTC1666CG Datasheet HTML 19Page - Linear Technology LTC1666CG Datasheet HTML 20Page - Linear Technology LTC1666CG Datasheet HTML 21Page - Linear Technology LTC1666CG Datasheet HTML 22Page - Linear Technology LTC1666CG Datasheet HTML 23Page - Linear Technology LTC1666CG Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1666/LTC1667/LTC1668
©LINEAR TECHNOLOGY CORPORATION 2000
166678f LT/TP 0701 2K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
TYPICAL APPLICATIO
Figure 16. Arbitrary Waveform Generator Has
±10V Output Swing, 50Msps DAC Update Rate
REFOUT
LADCOM
IOUT A
IOUT B
I
REFIN
LTC1668
52.3
Ω
52.3
Ω
RSET
2k
–
+
VSS
AGND DGND CLK DB15-DB0
COMP1
COMP2
0.1
µF
0.1
µF
0.1
µF
–5V
5V
CLOCK
INPUT
18-BIT
DATA
INPUT
VDD
100pF
LT1227
1k
VOUT
±10V
1666/7/8 F17
1k
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC1406
8-Bit, 20Msps ADC
Undersampling Capability Up to 70MHz Input
LTC1411
14-Bit, 2.5Msps ADC
LTC1420
12-Bit, 10Msps ADC
72dB SINAD at 5MHz fIN
LTC1604/LTC1608
16-Bit, 333ksps/500ksps ADCs
16-Bit, No Missing Codes, 90dB SINAD, –100dB THD
DACs
LTC1591/LTC1597
Parallel 14/16-Bit Current Output DACs
On-Chip 4-Quadrant Resistors
LTC1595/LTC1596
Serial 16-Bit Current Output DACs
Low Glitch,
±1LSB Maximum INL, DNL
LTC1650
Serial 16-Bit Voltage Output DAC
Low Power, Deglitched, 4-Quadrant Multiplying VOUT DAC,
±4.5V Output Swing, 4µs Settling Time
LTC1655(L)
Single 16-Bit VOUT DAC with Serial Interface in SO-8
5V (3V) Single Supply, Rail-to-Rail Output Swing
LTC1657(L)
16-Bit Parallel Voltage Output DAC
5V (3V) Low Power, 16-Bit Monotonic Over Temp., Multiplying Capability
AMPLIFIERs
LT1809/LT1810
Single/Dual 180MHz, 350V/
µs Op Amp
Rail-to-Rail Input and Output, Low Distortion
LT1812/LT1813
Single/Dual 100MHz, 750V/
µs Op Amp
3.6mA Supply Current, 8nV/
√Hz Input Noise Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com