Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1666CG Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1666CG
Description  12-Bit, 14-Bit, 16-Bit, 50Msps DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1666CG Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1666CG Datasheet HTML 7Page - Linear Technology LTC1666CG Datasheet HTML 8Page - Linear Technology LTC1666CG Datasheet HTML 9Page - Linear Technology LTC1666CG Datasheet HTML 10Page - Linear Technology LTC1666CG Datasheet HTML 11Page - Linear Technology LTC1666CG Datasheet HTML 12Page - Linear Technology LTC1666CG Datasheet HTML 13Page - Linear Technology LTC1666CG Datasheet HTML 14Page - Linear Technology LTC1666CG Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1666/LTC1667/LTC1668
APPLICATIO S I FOR ATIO
Theory of Operation
The LTC1666/LTC1667/LTC1668 are high speed current
steering 12-/14-/16-bit DACs made on an advanced
BiCMOS process. Precision thin film resistors and well
matched bipolar transistors result in excellent DC linearity
and stability. A low glitch current switching design gives
excellent AC performance at sample rates up to 50Msps.
The devices are complete with a 2.5V internal bandgap
reference and edge triggered latches, and set a new
standard for DAC applications requiring very high dy-
namic range at output frequencies up to several mega-
hertz.
Referring to the Block Diagrams, the DACs contain an
array of current sources that are steered to IOUTA or IOUTB
with NMOS differential current switches. The four most
significant bits are made up of 15 current segments of
equal weight. The remaining lower bits are binary weighted,
using a combination of current scaling and a differential
resistive attenuator ladder. All bits and segments are
precisely matched, both in current weight for DC linearity,
and in switch timing for low glitch impulse and low
spurious tone AC performance.
Setting the Full-Scale Current, IOUTFS
The full-scale DAC output current, IOUTFS, is nominally
10mA, and can be adjusted down to 1mA. Placing a
resistor, RSET, between the REFOUT pin, and the IREFIN pin
sets IOUTFS as follows.
The internal reference control loop amplifier maintains a
virtual ground at IREFIN by servoing the internal current
source, IINT, to sink the exact current flowing into IREFIN.
IINT is a scaled replica of the DAC current sources and
IOUTFS = 8 • (IINT), therefore:
IOUTFS = 8 • (IREFIN) = 8 • (VREF/RSET)
(1)
For example, if RSET = 2k and is tied to VREF = REFOUT =
2.5V, IREFIN = 2.5/2k = 1.25mA and IOUTFS = 8 • (1.25mA)
= 10mA.
The reference control loop requires a capacitor on the
COMP1 pin for compensation. For optimal AC perfor-
mance, CCOMP1 should be connected to VSS and be placed
very close to the package (less than 0.1").
For fixed reference voltage applications, CCOMP1 should
be 0.1
µF or more. The reference control loop small-signal
bandwidth is approximately 1/(2
π)•CCOMP1•80or20kHz
for CCOMP1 = 0.1µF.
Reference Operation
The onboard 2.5V bandgap voltage reference drives the
REFOUT pin. It is trimmed and specified to drive a 2k
resistor tied from REFOUT to IREFIN, corresponding to a
1.25mA load (IOUTFS = 10mA). REFOUT has nominal
output impedance of 6
Ω, or 0.24% per mA, so it must be
buffered to drive any additional external load. A 0.1
µF
capacitor is required on the REFOUT pin for compensa-
tion. Note that this capacitor is required for stability, even
if the internal reference is not being used.
External Reference Operation
Figure 1, shows how to use an external reference to control
the LTC1666/LTC1667/LTC1668 full-scale current.
Figure 1. Using the LTC1666/LTC1667/LTC1668
with an External Reference
REFOUT
+
–
IREFIN
2.5V
REFERENCE
RSET
0.1
µF
5V
1666/7/8 F02
EXTERNAL
REFERENCE
LTC1666/
LTC1667/
LTC1668



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com