Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1666CG Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1666CG
Description  12-Bit, 14-Bit, 16-Bit, 50Msps DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1666CG Datasheet(HTML) 5 Page - Linear Technology

  LTC1666CG Datasheet HTML 1Page - Linear Technology LTC1666CG Datasheet HTML 2Page - Linear Technology LTC1666CG Datasheet HTML 3Page - Linear Technology LTC1666CG Datasheet HTML 4Page - Linear Technology LTC1666CG Datasheet HTML 5Page - Linear Technology LTC1666CG Datasheet HTML 6Page - Linear Technology LTC1666CG Datasheet HTML 7Page - Linear Technology LTC1666CG Datasheet HTML 8Page - Linear Technology LTC1666CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1666/LTC1667/LTC1668
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1666/7/8 G01
05
10
15
20
25
SFDR = 87dB
fCLOCK = 50MSPS
fOUT = 1.002MHz
AMPL = 0dBFS
= –8.25dBm
TYPICAL PERFOR A CE CHARACTERISTICS
Single Tone SFDR at 50MSPS
2-Tone SFDR
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1666/7/8 G02
4.5
5.0
5.5
SFDR > 86dB
fCLOCK = 50MSPS
fOUT1 = 4.9MHz
fOUT2 = 5.09MHz
AMPL = 0dBFS
4-Tone SFDR, fCLOCK = 50MSPS
4-Tone SFDR, fCLOCK = 5MSPS
SFDR vs fOUT and Digital Amplitude
(dBFS) at fCLOCK = 5MSPS
SFDR vs fOUT and fCLOCK
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
1666/7/8 G03
1
4.6
8.2
11.8
15.4
19
SFDR > 74dB
fCLOCK = 50MSPS
fOUT1 = 5.02MHz
fOUT2 = 6.51MHz
fOUT3 = 11.02MHz
fOUT4 = 12.51MHz
AMPL = 0dBFS
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
1666/7/8 G04
0.1
0.46
0.82
1.18
1.54
1.9
SFDR > 82dB
fCLOCK = 5MSPS
fOUT1 = 0.5MHz
fOUT2 = 0.65MHz
fOUT3 = 1.10MHz
fOUT4 = 1.25MHz
AMPL = 0dBFS
fOUT (MHz)
0.1
100
90
80
70
60
50
1.0
10
100
1666/7/8 G05
5MSPS
25MSPS
50MSPS
DIGITAL AMPLITUDE = 0dBFS
fOUT (MHz)
100
95
90
85
80
75
70
65
60
55
50
1666/7/8 G06
0
0.4
0.8
1.2
1.6
2.0
–12dBFS
–6dBFS
0dBFS
(LTC1668)
fOUT (MHz)
0
4
8
10
95
90
85
80
75
70
65
60
55
50
1666/7/8 G07
26
–12dBFS
–6dBFS
0dBFS
fOUT (MHz)
0
10
20
90
85
80
75
70
65
60
55
50
1666/7/8 G08
515
–12dBFS
–6dBFS
0dBFS
fOUT (MHz)
0
10
95
90
85
80
75
70
65
60
55
50
1666/7/8 G09
2.5
5
7.5
DIGITAL AMPLITUDE = 0dBFS
IOUTFS = 2.5mA
IOUTFS = 5mA
IOUTFS = 10mA
SFDR vs fOUT and Digital Amplitude
(dBFS) at fCLOCK = 25MSPS
SFDR vs fOUT and Digital Amplitude
(dBFS) at fCLOCK = 50MSPS
SFDR vs fOUT and IOUTFS at
fCLOCK = 25MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com