Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1666CG Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1666CG
Description  12-Bit, 14-Bit, 16-Bit, 50Msps DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1666CG Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1666CG Datasheet HTML 8Page - Linear Technology LTC1666CG Datasheet HTML 9Page - Linear Technology LTC1666CG Datasheet HTML 10Page - Linear Technology LTC1666CG Datasheet HTML 11Page - Linear Technology LTC1666CG Datasheet HTML 12Page - Linear Technology LTC1666CG Datasheet HTML 13Page - Linear Technology LTC1666CG Datasheet HTML 14Page - Linear Technology LTC1666CG Datasheet HTML 15Page - Linear Technology LTC1666CG Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC1666/LTC1667/LTC1668
Adjusting the Full-Scale Output
In Figure 2, a serial interfaced DAC is used to set IOUTFS.
The LTC1661 is a dual 10-bit VOUT DAC with a buffered
voltage output that swings from 0V to VREF.
DAC Transfer Function
The LTC1666/LTC1667/LTC1668 use straight binary digital
coding. The complementary current outputs, IOUTA andIOUT
B, sink current from 0 to IOUTFS. For IOUTFS = 10mA (nomi-
nal), IOUT A swings from 0mA when all bits are low (e.g.,
Code = 0) to 10mA when all bits are high (e.g., Code = 65535
for LTC1668) (decimal representation). IOUT B is comple-
mentary to IOUTA. IOUTA and IOUTB are given by the following
formulas:
LTC1666:
IOUT A = IOUTFS • (DAC Code/4096)
(2)
IOUT B = IOUTFS • (4095 – DAC Code)/4096
(3)
LTC1667:
IOUT A = IOUTFS • (DAC Code/16384)
(4)
IOUT B = IOUTFS • (16383 – DAC Code)/16384
(5)
LTC1668:
IOUT A = IOUTFS • (DAC Code/65536)
(6)
IOUT B = IOUTFS • (65535 – DAC Code)/65536
(7)
In typical applications, the LTC1666/LTC1667/LTC1668
differential output currents either drive a resistive load
directly or drive an equivalent resistive load through a
transformer, or as the feedback resistor of an I-to-V
converter. The voltage outputs generated by the IOUT A and
IOUT B output currents are then:
Figure 2. Adjusting the Full-Scale Current of
the LTC1666/LTC1667/LTC1668 with a DAC
APPLICATIO S I FOR ATIO
VOUT A = IOUT A • RLOAD
(8)
VOUT B = IOUT B • RLOAD
(9)
The differential voltage is:
VDIFF = VOUT A – VOUT B
(10)
= (IOUT A – IOUT B) • (RLOAD)
Substituting the values found earlier for IOUT A, IOUT B and
IOUTFS (LTC1668):
VDIFF = {2 • DAC Code – 65535)/65536} • 8 •
(RLOAD/RSET) • (VREF)
(11)
From these equations some of the advantages of differen-
tial mode operation can be seen. First, any common mode
noise or error on IOUTA and IOUTB is cancelled. Second, the
signal power is twice as large as in the single-ended case.
Third, any errors and noise that multiply times IOUT A and
IOUT B, such as reference or IOUTFS noise, cancel near
midscale, where AC signal waveforms tend to spend the
most time. Fourth, this transfer function is bipolar; e.g. the
output swings positive and negative around a zero output
at mid-scale input, which is more convenient for AC
applications.
Note that the term (RLOAD/RSET) appears in both the
differential and single-ended transfer functions. This means
that the Gain Error of the DAC depends on the ratio of
RLOAD to RSET, and the Gain Error tempco is affected by the
temperature tracking of RLOAD with RSET. Note also that
the absolute tempco of RLOAD is very critical for DC
nonlinearity. As the DAC output changes from 0mA to
10mA the RLOAD resistor will heat up slightly, and even a
very low tempco can produce enough INL bowing to be
significant at the 16-bit level. This effect disappears with
medium to high frequency AC signals due to the slow
thermal time constant of the load resistor.
Analog Outputs
The LTC1666/LTC1667/LTC1668 have two complemen-
tary current outputs, IOUT A and IOUT B (see DAC Transfer
Function). The output impedance of IOUT A and IOUT B
(RIOUT A and RIOUT B) is typically 1.1kΩ to LADCOM. (See
Figure 3.)
+
–
IREFIN
2.5V
REFERENCE
RSET
1.9k
REF
0.1
µF
1/2 LTC1661
5V
1666/7/8 F03
LTC1666/
LTC1667/
LTC1668



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com