Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1666CG Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1666CG
Description  12-Bit, 14-Bit, 16-Bit, 50Msps DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1666CG Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1666CG Datasheet HTML 11Page - Linear Technology LTC1666CG Datasheet HTML 12Page - Linear Technology LTC1666CG Datasheet HTML 13Page - Linear Technology LTC1666CG Datasheet HTML 14Page - Linear Technology LTC1666CG Datasheet HTML 15Page - Linear Technology LTC1666CG Datasheet HTML 16Page - Linear Technology LTC1666CG Datasheet HTML 17Page - Linear Technology LTC1666CG Datasheet HTML 18Page - Linear Technology LTC1666CG Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
LTC1666/LTC1667/LTC1668
APPLICATIO S I FOR ATIO
Resistor Loaded Outputs
A differential resistor loaded output configuration is shown
in Figure 6. It is simple and economical, but it can drive
only differential loads with impedance levels and ampli-
tudes appropriate for the DAC outputs.
The recommended single-ended resistor loaded configu-
ration is essentially the same circuit as the differential
resistor loaded, case—simply use the IOUT A output,
referred to ground. Rather than tying the unused IOUT B
output to ground, it is preferred to load it with the equiva-
lent RLOAD of IOUT A. Then IOUT B will still swing with a
waveform complementary to IOUT A.
helps reduce distortion by limiting the high frequency
signal amplitude at the op amp inputs. The circuit swings
±1V around ground.
Figure 8 shows a simplified circuit for a single-ended
output using I-to-V converter to produce a unipolar
buffered voltage output. This configuration typically has
the best DC linearity performance, but its AC distortion at
higher frequencies is limited by U1’s slewing capabilities.
Digital Interface
The LTC1666/LTC1667/LTC1668 have parallel inputs that
are latched on the rising edge of the clock input. They
accept CMOS levels from either 5V or 3.3V logic and can
accept clock rates of up to 50MHz.
Referring to the Timing Diagram and Block Diagram, the
data inputs go to master-slave latches that update on the
rising edge of the clock. The input logic thresholds, VIH =
2.4V min, VIL = 0.8V max, work with 3.3V or 5V CMOS
levels over temperature. The guaranteed setup time, tDS,
is 8ns minimum and the hold time, tDH, is 4ns minimum.
The minimum clock high and low times are guaranteed at
6ns and 8ns, respectively. These specifications allow the
LTC1666/LTC1667/LTC1668 to be clocked at up to 50Msps
minimum.
For best AC performance, the data and clock waveforms
need to be clean and free of undershoot and overshoot.
Clock and data interconnect lines should be twisted pair,
coax or microstrip, and proper line termination is impor-
tant. If the digital input signals to the DAC are considered
as analog AC voltage signals, they are rich in spectral
components over a broad frequency range, usually in-
Op Amp I to V Converter Outputs
Adding an op amp differential to single-ended converter
circuit to the differential resistor loaded output gives the
circuit of Figure 7.
This circuit complements the capabilities of the trans-
former-coupled application at lower frequencies, since
available op amps can deliver good AC distortion perfor-
mance at signal frequencies of a few MHz down to DC. The
optional capacitor adds a single real pole of filtering, and
Figure 6. Differential Resistor-Loaded Output
IOUT B
IOUT A
52.3
Ω
52.3
Ω
1666/7/8 F07
LTC1666/
LTC1667/
LTC1668
Figure 8. Single-Ended Op Amp I to V Converter
200
Ω
1666/7/8 F09
IOUT A
IOUT B
LADCOM
RFB
200
Ω
VOUT
0V TO 2V
IOUTFS
10mA
COUT
U1
LT
®1812
LTC1666/
LTC1667/
LTC1668
IOUT B
IOUT A
52.3
Ω
500
Ω
52.3
Ω
1666/7/8 F08
–
+
200
Ω
500
Ω
200
Ω
60pF
LT1809
±1V
10dBm
VOUT
LTC1666/
LTC1667/
LTC1668
Figure 7. Differential to Single-Ended Op Amp I-V Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com