Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1666CG Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1666CG
Description  12-Bit, 14-Bit, 16-Bit, 50Msps DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1666CG Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1666CG Datasheet HTML 5Page - Linear Technology LTC1666CG Datasheet HTML 6Page - Linear Technology LTC1666CG Datasheet HTML 7Page - Linear Technology LTC1666CG Datasheet HTML 8Page - Linear Technology LTC1666CG Datasheet HTML 9Page - Linear Technology LTC1666CG Datasheet HTML 10Page - Linear Technology LTC1666CG Datasheet HTML 11Page - Linear Technology LTC1666CG Datasheet HTML 12Page - Linear Technology LTC1666CG Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC1666/LTC1667/LTC1668
BLOCK DIAGRA
–
+
IFS/8
IREFIN
IINT
RSET
2k
0.1
µF
0.1
µF
0.1
µF
–5V
0.1
µF
REFOUT
VDD
VREF
15
16
COMP1
21
COMP2
VSS
22
23
2.5V
REFERENCE
ATTENUATOR
LADDER
LSB SWITCHES
INPUT LATCHES
CLOCK
INPUT
12-BIT
DATA INPUT
SEGMENTED SWITCHES
FOR DB15–DB12
CURRENT SOURCE ARRAY
AGND
17
DGND
24
CLK
DB0
DB11
• • •
• • •
• • •
• • •
26
27
10
1666 BD
18
LADCOM
20
IOUT A
19
IOUT B
52.3
Ω 52.3Ω
VOUT
1VP-P
DIFFERENTIAL
+
–
0.1
µF
25
5V
–
+
IFS/8
IREFIN
IINT
RSET
2k
0.1
µF
0.1
µF
0.1
µF
–5V
0.1
µF
REFOUT
VREF
15
16
COMP1
21
COMP2
VSS
22
23
2.5V
REFERENCE
ATTENUATOR
LADDER
LSB SWITCHES
INPUT LATCHES
CLOCK
INPUT
14-BIT
DATA INPUT
SEGMENTED SWITCHES
FOR DB15–DB12
CURRENT SOURCE ARRAY
AGND
17
DGND
24
CLK
DB0
DB13
• • •
• • •
• • •
• • •
26
27
12
1667 BD
18
LADCOM
20
IOUT A
19
IOUT B
52.3
Ω 52.3Ω
VOUT
1VP-P
DIFFERENTIAL
+
–
0.1
µF
25
5V
VDD
LTC1666
LTC1667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com