Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 30 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 30 Page - TDK Electronics

Back Button C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics C2012 Datasheet HTML 30Page - TDK Electronics C2012 Datasheet HTML 31Page - TDK Electronics C2012 Datasheet HTML 32Page - TDK Electronics C2012 Datasheet HTML 33Page - TDK Electronics C2012 Datasheet HTML 34Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
(30/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: CH (–25 to +85°C, 0±60 ppm/°C)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
0.5 pF
0402
0.20±0.02
±0.25pF
C0402CH1C0R5C020BC
0603
0.30±0.03
±0.25pF
C0603CH1H0R5C030BA
C0603CH1E0R5C030BA
1005
0.50±0.05
±0.10pF
C1005CH1H0R5B050BA
±0.25pF
C1005CH1H0R5C050BA
1608
0.80±0.10
±0.25pF
C1608CH1H0R5C080AA
0.75 pF
0402
0.20±0.02
±0.25pF
C0402CH1CR75C020BC
0603
0.30±0.03
±0.25pF
C0603CH1HR75C030BA
C0603CH1ER75C030BA
1005
0.50±0.05
±0.10pF
C1005CH1HR75B050BA
±0.25pF
C1005CH1HR75C050BA
1608
0.80±0.10
±0.25pF
C1608CH1HR75C080AA
1 pF
0402
0.20±0.02
±0.25pF
C0402CH1C010C020BC
0603
0.30±0.03
±0.25pF
C0603CH1H010C030BA
C0603CH1E010C030BA
1005
0.50±0.05
±0.10pF
C1005CH1H010B050BA
±0.25pF
C1005CH1H010C050BA
1608
0.80±0.10
±0.25pF
C1608CH1H010C080AA
1.5 pF
0402
0.20±0.02
±0.25pF
C0402CH1C1R5C020BC
0603
0.30±0.03
±0.25pF
C0603CH1H1R5C030BA
C0603CH1E1R5C030BA
1005
0.50±0.05
±0.10pF
C1005CH1H1R5B050BA
±0.25pF
C1005CH1H1R5C050BA
1608
0.80±0.10
±0.25pF
C1608CH1H1R5C080AA
2 pF
0402
0.20±0.02
±0.25pF
C0402CH1C020C020BC
0603
0.30±0.03
±0.25pF
C0603CH1H020C030BA
C0603CH1E020C030BA
1005
0.50±0.05
±0.10pF
C1005CH1H020B050BA
±0.25pF
C1005CH1H020C050BA
1608
0.80±0.10
±0.25pF
C1608CH1H020C080AA
2.2 pF
0402
0.20±0.02
±0.25pF
C0402CH1C2R2C020BC
0603
0.30±0.03
±0.25pF
C0603CH1H2R2C030BA
C0603CH1E2R2C030BA
3 pF
0402
0.20±0.02
±0.25pF
C0402CH1C030C020BC
0603
0.30±0.03
±0.25pF
C0603CH1H030C030BA
C0603CH1E030C030BA
1005
0.50±0.05
±0.10pF
C1005CH1H030B050BA
±0.25pF
C1005CH1H030C050BA
1608
0.80±0.10
±0.25pF
C1608CH1H030C080AA
3.3 pF
0402
0.20±0.02
±0.25pF
C0402CH1C3R3C020BC
0603
0.30±0.03
±0.25pF
C0603CH1H3R3C030BA
C0603CH1E3R3C030BA
4 pF
0402
0.20±0.02
±0.25pF
C0402CH1C040C020BC
0603
0.30±0.03
±0.25pF
C0603CH1H040C030BA
C0603CH1E040C030BA
1005
0.50±0.05
±0.10pF
C1005CH1H040B050BA
±0.25pF
C1005CH1H040C050BA
1608
0.80±0.10
±0.25pF
C1608CH1H040C080AA
4.7 pF
0402
0.20±0.02
±0.25pF
C0402CH1C4R7C020BC
0603
0.30±0.03
±0.25pF
C0603CH1H4R7C030BA
C0603CH1E4R7C030BA
5 pF
0402
0.20±0.02
±0.25pF
C0402CH1C050C020BC
0603
0.30±0.03
±0.25pF
C0603CH1H050C030BA
C0603CH1E050C030BA
1005
0.50±0.05
±0.10pF
C1005CH1H050B050BA
±0.25pF
C1005CH1H050C050BA
1608
0.80±0.10
±0.25pF
C1608CH1H050C080AA
6 pF
0402
0.20±0.02
±0.50pF
C0402CH1C060D020BC
0603
0.30±0.03
±0.50pF
C0603CH1H060D030BA
C0603CH1E060D030BA
1005
0.50±0.05
±0.25pF
C1005CH1H060C050BA
±0.50pF
C1005CH1H060D050BA
1608
0.80±0.10
±0.25pF
C1608CH1H060C080AA
±0.50pF
C1608CH1H060D080AA
6.8 pF
0402
0.20±0.02
±0.50pF
C0402CH1C6R8D020BC
0603
0.30±0.03
±0.50pF
C0603CH1H6R8D030BA
C0603CH1E6R8D030BA
7 pF
0402
0.20±0.02
±0.50pF
C0402CH1C070D020BC
0603
0.30±0.03
±0.50pF
C0603CH1H070D030BA
C0603CH1E070D030BA
1005
0.50±0.05
±0.25pF
C1005CH1H070C050BA
±0.50pF
C1005CH1H070D050BA
1608
0.80±0.10
±0.25pF
C1608CH1H070C080AA
±0.50pF
C1608CH1H070D080AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com