Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 1 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 1 Page - TDK Electronics

  C2012 Datasheet HTML 1Page - TDK Electronics C2012 Datasheet HTML 2Page - TDK Electronics C2012 Datasheet HTML 3Page - TDK Electronics C2012 Datasheet HTML 4Page - TDK Electronics C2012 Datasheet HTML 5Page - TDK Electronics C2012 Datasheet HTML 6Page - TDK Electronics C2012 Datasheet HTML 7Page - TDK Electronics C2012 Datasheet HTML 8Page - TDK Electronics C2012 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
March 2023
MULTILAYER CERAMIC CHIP CAPACITORS
MULTILAYER CERAMIC CHIP CAPACITORS
MULTILAYER CERAMIC CHIP CAPACITORS
C0402
[01005 inch]
C0603
[0201 inch]
C1005
[0402 inch]
C1608
[0603 inch]
C2012
[0805 inch]
C3216
[1206 inch]
C3225
[1210 inch]
C4532
[1812 inch]
C5750
[2220 inch]
* Dimensions code: JIS[EIA]
Commercial grade, general (Up to 75V)
C series
March 2023


Similar Part No. - C2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2012 ETC2-C2012 Datasheet
448Kb / 7P
CAPACITORS
logo
TDK Electronics
C2012 TDK-C2012 Datasheet
1Mb / 55P
MULTILAYER CERAMIC CHIP CAPACITORS
C2012 TDK-C2012 Datasheet
1Mb / 31P
MULTILAYER CERAMIC CHIP CAPACITORS
C2012 TDK-C2012 Datasheet
1Mb / 12P
MULTILAYER CERAMIC CHIP CAPACITORS
C2012 TDK-C2012 Datasheet
2Mb / 55P
MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C2012

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X7R1H105K TDK-C2012X7R1H105K Datasheet
132Kb / 1P
Commercial Grade ( General (Up to 50V) )
C3225X7R1E106K TDK-C3225X7R1E106K Datasheet
134Kb / 1P
Commercial Grade ( General (Up to 50V) )
C3225X7R1E106M TDK-C3225X7R1E106M Datasheet
131Kb / 1P
Commercial Grade ( General (Up to 50V) )
C5750X5R1A686M TDK-C5750X5R1A686M Datasheet
138Kb / 1P
Commercial Grade ( General (Up to 50V) )
C4532CH1H104K200KA TDK-C4532CH1H104K200KA_16 Datasheet
131Kb / 1P
Commercial Grade ( General (Up to 50V) )
C4532JB1C226M200KA TDK-C4532JB1C226M200KA Datasheet
138Kb / 1P
Commercial Grade ( General (Up to 50V) )
C4532JB1E106M250KA TDK-C4532JB1E106M250KA Datasheet
138Kb / 1P
Commercial Grade ( General (Up to 50V) )
C4532JB1H685M250KA TDK-C4532JB1H685M250KA Datasheet
138Kb / 1P
Commercial Grade ( General (Up to 50V) )
C5750X5R1C336M200KA TDK-C5750X5R1C336M200KA Datasheet
138Kb / 1P
Commercial Grade ( General (Up to 50V) )
C5750X5R1C476M230KA TDK-C5750X5R1C476M230KA_16 Datasheet
138Kb / 1P
Commercial Grade ( General (Up to 50V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com