Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 53 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 53 Page - TDK Electronics

Back Button C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics C2012 Datasheet HTML 53Page - TDK Electronics C2012 Datasheet HTML 54Page - TDK Electronics C2012 Datasheet HTML 55Page - TDK Electronics C2012 Datasheet HTML 56Page - TDK Electronics C2012 Datasheet HTML 57Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
(53/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X7R (–55 to +125°C, ±15%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
150 nF
2012
1.25±0.20
±10%
C2012X7R1H154K125AA
±20%
C2012X7R1H154M125AA
220 nF
1005
0.50±0.05
±10%
C1005X7R1V224K050BC
C1005X7R1E224K050BB
C1005X7R1C224K050BC
±20%
C1005X7R1V224M050BC
C1005X7R1E224M050BB
C1005X7R1C224M050BC
1608
0.80±0.10
±10%
C1608X7R1H224K080AB
C1608X7R1V224K080AB
C1608X7R1E224K080AC
C1608X7R1C224K080AC
±20%
C1608X7R1H224M080AB
C1608X7R1V224M080AB
C1608X7R1E224M080AC
C1608X7R1C224M080AC
2012
1.25±0.20
±10%
C2012X7R1H224K125AA
±20%
C2012X7R1H224M125AA
3216
1.15±0.15
±10%
C3216X7R1H224K115AA
±20%
C3216X7R1H224M115AA
330 nF
1608
0.80±0.10
±10%
C1608X7R1H334K080AC
C1608X7R1V334K080AB
C1608X7R1E334K080AC
C1608X7R1C334K080AC
±20%
C1608X7R1H334M080AC
C1608X7R1V334M080AB
C1608X7R1E334M080AC
C1608X7R1C334M080AC
2012
1.25±0.20
±10%
C2012X7R1H334K125AA
±20%
C2012X7R1H334M125AA
3216
1.60±0.20
±10%
C3216X7R1H334K160AA
±20%
C3216X7R1H334M160AA
470 nF
1608
0.80±0.10
±10%
C1608X7R1H474K080AC
C1608X7R1V474K080AB
C1608X7R1E474K080AB
C1608X7R1C474K080AC
±20%
C1608X7R1H474M080AC
C1608X7R1V474M080AB
C1608X7R1E474M080AB
C1608X7R1C474M080AC
2012
1.25±0.20
±10%
C2012X7R1H474K125AB
C2012X7R1V474K125AB
C2012X7R1E474K125AA
±20%
C2012X7R1H474M125AB
C2012X7R1V474M125AB
C2012X7R1E474M125AA
3216
1.60±0.20
±10%
C3216X7R1H474K160AA
±20%
C3216X7R1H474M160AA
680 nF
1608
0.80±0.10
±10%
C1608X7R1V684K080AC
C1608X7R1E684K080AB
C1608X7R1C684K080AC
±20%
C1608X7R1V684M080AC
C1608X7R1E684M080AB
C1608X7R1C684M080AC
2012
1.25±0.20
±10%
C2012X7R1H684K125AB
C2012X7R1V684K125AB
C2012X7R1E684K125AB
C2012X7R1C684K125AA
±20%
C2012X7R1H684M125AB
C2012X7R1V684M125AB
C2012X7R1E684M125AB
C2012X7R1C684M125AA
3216
1.60±0.20
±10%
C3216X7R1H684K160AA
±20%
C3216X7R1H684M160AA
1 µF
1608
0.80±0.10
±10%
C1608X7R1V105K080AC
C1608X7R1E105K080AB
C1608X7R1C105K080AC
±20%
C1608X7R1V105M080AC
C1608X7R1E105M080AB
C1608X7R1C105M080AC
2012
0.85±0.15
±10%
C2012X7R1H105K085AC
C2012X7R1V105K085AB
C2012X7R1E105K085AB
C2012X7R1C105K085AC
±20%
C2012X7R1H105M085AC
C2012X7R1V105M085AB
C2012X7R1E105M085AB
C2012X7R1C105M085AC
1.25±0.20
±10%
C2012X7R1H105K125AB
C2012X7R1V105K125AB
C2012X7R1E105K125AB
C2012X7R1C105K125AA
±20%
C2012X7R1H105M125AB
C2012X7R1V105M125AB
C2012X7R1E105M125AB
C2012X7R1C105M125AA
3216
0.85±0.15
±10%
C3216X7R1E105K085AA
±20%
C3216X7R1E105M085AA
1.60±0.20
±10%
C3216X7R1H105K160AB
C3216X7R1E105K160AA
±20%
C3216X7R1H105M160AB
C3216X7R1E105M160AA
3225
1.60±0.20
±10%
C3225X7R1H105K160AA
±20%
C3225X7R1H105M160AA
4532
1.60±0.20
±10%
C4532X7R1H105K160KA
±20%
C4532X7R1H105M160KA
1.5 µF
2012
1.25±0.20
±10%
C2012X7R1H155K125AC
C2012X7R1V155K125AB
C2012X7R1E155K125AC
C2012X7R1C155K125AB
±20%
C2012X7R1H155M125AC
C2012X7R1V155M125AB
C2012X7R1E155M125AC
C2012X7R1C155M125AB
3216
1.60±0.20
±10%
C3216X7R1H155K160AB
C3216X7R1V155K160AB
C3216X7R1E155K160AA
±20%
C3216X7R1H155M160AB
C3216X7R1V155M160AB
C3216X7R1E155M160AA
3225
2.00±0.20
±10%
C3225X7R1H155K200AA
±20%
C3225X7R1H155M200AA
2.2 µF
2012
0.85±0.15
±10%
C2012X7R1V225K085AC
C2012X7R1E225K085AB
C2012X7R1C225K085AB
±20%
C2012X7R1V225M085AC
C2012X7R1E225M085AB
C2012X7R1C225M085AB
1.25±0.20
±10%
C2012X7R1H225K125AC
C2012X7R1V225K125AB
C2012X7R1E225K125AB
C2012X7R1C225K125AB
±20%
C2012X7R1H225M125AC
C2012X7R1V225M125AB
C2012X7R1E225M125AB
C2012X7R1C225M125AB
3216
1.60±0.20
±10%
C3216X7R1H225K160AB
C3216X7R1V225K160AB
C3216X7R1E225K160AA
±20%
C3216X7R1H225M160AB
C3216X7R1V225M160AB
C3216X7R1E225M160AA
3225
2.00±0.20
±10%
C3225X7R1H225K200AB
±20%
C3225X7R1H225M200AB
2.50±0.30
±10%
C3225X7R1H225K250AB
4532
1.60±0.20
±10%
C4532X7R1H225K160KA
±20%
C4532X7R1H225M160KA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com