Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 44 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 44 Page - TDK Electronics

Back Button C2012 Datasheet HTML 40Page - TDK Electronics C2012 Datasheet HTML 41Page - TDK Electronics C2012 Datasheet HTML 42Page - TDK Electronics C2012 Datasheet HTML 43Page - TDK Electronics C2012 Datasheet HTML 44Page - TDK Electronics C2012 Datasheet HTML 45Page - TDK Electronics C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
(44/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X5R (–55 to +85°C, ±15%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
2.2 µF
3216
1.60±0.20
±10%
C3216X5R1H225K160AB
C3216X5R1E225K160AA
±20%
C3216X5R1H225M160AB
C3216X5R1E225M160AA
3225
2.50±0.30
±10%
C3225X5R1H225K250AB
±20%
C3225X5R1H225M250AB
3.3 µF
1608
0.80±0.10
±10%
C1608X5R1E335K080AC
C1608X5R1C335K080AC
±20%
C1608X5R1E335M080AC
C1608X5R1C335M080AC
0.80±0.20
±10%
C1608X5R1V335K080AC
±20%
C1608X5R1V335M080AC
2012
0.60±0.15
±10%
C2012X5R1C335K060AC
±20%
C2012X5R1C335M060AC
0.85±0.15
±10%
C2012X5R1E335K085AC
C2012X5R1C335K085AB
±20%
C2012X5R1E335M085AC
C2012X5R1C335M085AB
1.25±0.20
±10%
C2012X5R1H335K125AB
C2012X5R1V335K125AC
C2012X5R1E335K125AB
C2012X5R1C335K125AC
±20%
C2012X5R1H335M125AB
C2012X5R1V335M125AC
C2012X5R1E335M125AB
C2012X5R1C335M125AC
3216
1.60±0.20
±10%
C3216X5R1H335K160AB
C3216X5R1V335K160AB
C3216X5R1E335K160AA
±20%
C3216X5R1H335M160AB
C3216X5R1V335M160AB
C3216X5R1E335M160AA
3225
2.50±0.30
±10%
C3225X5R1H335K250AB
±20%
C3225X5R1H335M250AB
4.7 µF
1608
0.80±0.10
±10%
C1608X5R1E475K080AC
C1608X5R1C475K080AC
±20%
C1608X5R1E475M080AC
C1608X5R1C475M080AC
0.80±0.20
±10%
C1608X5R1V475K080AC
±20%
C1608X5R1V475M080AC
2012
0.60±0.15
±10%
C2012X5R1C475K060AC
±20%
C2012X5R1C475M060AC
0.85±0.15
±10%
C2012X5R1E475K085AC
C2012X5R1C475K085AB
±20%
C2012X5R1E475M085AC
C2012X5R1C475M085AB
1.25±0.20
±10%
C2012X5R1H475K125AB
C2012X5R1V475K125AC
C2012X5R1E475K125AB
C2012X5R1C475K125AC
±20%
C2012X5R1H475M125AB
C2012X5R1V475M125AC
C2012X5R1E475M125AB
C2012X5R1C475M125AC
3216
0.85±0.15
±10%
C3216X5R1H475K085AB
C3216X5R1V475K085AB
C3216X5R1E475K085AB
±20%
C3216X5R1H475M085AB
C3216X5R1V475M085AB
C3216X5R1E475M085AB
1.15±0.15
±10%
C3216X5R1E475K115AB
C3216X5R1C475K115AA
±20%
C3216X5R1E475M115AB
C3216X5R1C475M115AA
1.60±0.20
±10%
C3216X5R1H475K160AB
C3216X5R1V475K160AB
C3216X5R1E475K160AA
±20%
C3216X5R1H475M160AB
C3216X5R1V475M160AB
C3216X5R1E475M160AA
3225
2.50±0.30
±10%
C3225X5R1H475K250AB
±20%
C3225X5R1H475M250AB
6.8 µF
1608
0.80±0.20
±10%
C1608X5R1E685K080AC
C1608X5R1C685K080AB
±20%
C1608X5R1E685M080AC
C1608X5R1C685M080AB
2012
0.85±0.15
±10%
C2012X5R1C685K085AC
±20%
C2012X5R1C685M085AC
1.25±0.20
±10%
C2012X5R1V685K125AC
C2012X5R1E685K125AC
±20%
C2012X5R1V685M125AC
C2012X5R1E685M125AC
3216
1.60±0.20
±10%
C3216X5R1H685K160AB
C3216X5R1V685K160AB
C3216X5R1E685K160AB
C3216X5R1C685K160AA
±20%
C3216X5R1H685M160AB
C3216X5R1V685M160AB
C3216X5R1E685M160AB
C3216X5R1C685M160AA
3225
2.00±0.20
±10%
C3225X5R1C685K200AA
±20%
C3225X5R1C685M200AA
2.50±0.30
±10%
C3225X5R1H685K250AB
C3225X5R1E685K250AA
±20%
C3225X5R1H685M250AB
C3225X5R1E685M250AA
4532
2.50±0.30
±10%
C4532X5R1H685K250KA
±20%
C4532X5R1H685M250KA
10 µF
1608
0.80±0.20
±20%
C1608X5R1E106M080AC
C1608X5R1C106M080AB
2012
0.85±0.15
±10%
C2012X5R1V106K085AC
C2012X5R1E106K085AC
C2012X5R1C106K085AC
±20%
C2012X5R1V106M085AC
C2012X5R1E106M085AC
C2012X5R1C106M085AC
1.25±0.20
±10%
C2012X5R1V106K125AC
C2012X5R1E106K125AB
±20%
C2012X5R1V106M125AC
C2012X5R1E106M125AB
1.25±0.25,-0.15
±10%
C2012X5R1H106K125AC
3216
0.85±0.15
±10%
C3216X5R1E106K085AC
±20%
C3216X5R1E106M085AC
1.60±0.20
±10%
C3216X5R1H106K160AB
C3216X5R1V106K160AB
C3216X5R1E106K160AB
C3216X5R1C106K160AA
±20%
C3216X5R1H106M160AB
C3216X5R1V106M160AB
C3216X5R1E106M160AB
C3216X5R1C106M160AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com