Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 38 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 38 Page - TDK Electronics

Back Button C2012 Datasheet HTML 34Page - TDK Electronics C2012 Datasheet HTML 35Page - TDK Electronics C2012 Datasheet HTML 36Page - TDK Electronics C2012 Datasheet HTML 37Page - TDK Electronics C2012 Datasheet HTML 38Page - TDK Electronics C2012 Datasheet HTML 39Page - TDK Electronics C2012 Datasheet HTML 40Page - TDK Electronics C2012 Datasheet HTML 41Page - TDK Electronics C2012 Datasheet HTML 42Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
(38/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: JB (–25 to +85°C, ±10%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
3.3 µF
3225
2.50±0.30
±10%
C3225JB1H335K250AA
±20%
C3225JB1H335M250AA
4.7 µF
1608
0.80±0.10
±10%
C1608JB1E475K080AC
C1608JB1C475K080AC
±20%
C1608JB1E475M080AC
C1608JB1C475M080AC
0.80±0.20
±10%
C1608JB1V475K080AC
±20%
C1608JB1V475M080AC
2012
0.60±0.15
±10%
C2012JB1C475K060AC
±20%
C2012JB1C475M060AC
0.85±0.15
±10%
C2012JB1E475K085AC
C2012JB1C475K085AB
±20%
C2012JB1E475M085AC
C2012JB1C475M085AB
1.25±0.20
±10%
C2012JB1H475K125AB
C2012JB1V475K125AC
C2012JB1E475K125AB
C2012JB1C475K125AC
±20%
C2012JB1H475M125AB
C2012JB1V475M125AC
C2012JB1E475M125AB
C2012JB1C475M125AC
3216
0.85±0.15
±10%
C3216JB1H475K085AB
C3216JB1V475K085AB
C3216JB1E475K085AB
±20%
C3216JB1H475M085AB
C3216JB1V475M085AB
C3216JB1E475M085AB
1.15±0.15
±10%
C3216JB1E475K115AB
±20%
C3216JB1E475M115AB
1.60±0.20
±10%
C3216JB1H475K160AB
C3216JB1V475K160AB
C3216JB1E475K160AA
±20%
C3216JB1H475M160AB
C3216JB1V475M160AB
C3216JB1E475M160AA
3225
2.50±0.30
±10%
C3225JB1H475K250AB
±20%
C3225JB1H475M250AB
6.8 µF
1608
0.80±0.20
±10%
C1608JB1E685K080AC
C1608JB1C685K080AB
±20%
C1608JB1E685M080AC
C1608JB1C685M080AB
2012
0.85±0.15
±10%
C2012JB1C685K085AC
±20%
C2012JB1C685M085AC
1.25±0.20
±10%
C2012JB1V685K125AC
C2012JB1E685K125AC
C2012JB1C685K125AC
±20%
C2012JB1V685M125AC
C2012JB1E685M125AC
C2012JB1C685M125AB
3216
1.60±0.20
±10%
C3216JB1H685K160AB
C3216JB1V685K160AB
C3216JB1E685K160AB
C3216JB1C685K160AA
±20%
C3216JB1H685M160AB
C3216JB1V685M160AB
C3216JB1E685M160AB
C3216JB1C685M160AA
3225
2.00±0.20
±10%
C3225JB1E685K200AA
C3225JB1C685K200AA
±20%
C3225JB1E685M200AA
C3225JB1C685M200AA
2.50±0.30
±10%
C3225JB1H685K250AB
±20%
C3225JB1H685M250AB
4532
2.50±0.30
±10%
C4532JB1H685K250KA
±20%
C4532JB1H685M250KA
10 µF
1608
0.80±0.20
±20%
C1608JB1E106M080AC
C1608JB1C106M080AB
2012
0.85±0.15
±10%
C2012JB1V106K085AC
C2012JB1E106K085AC
C2012JB1C106K085AC
±20%
C2012JB1V106M085AC
C2012JB1E106M085AC
C2012JB1C106M085AC
1.25±0.20
±10%
C2012JB1V106K125AC
C2012JB1E106K125AB
C2012JB1C106K125AB
±20%
C2012JB1V106M125AC
C2012JB1E106M125AB
C2012JB1C106M125AB
3216
0.85±0.15
±10%
C3216JB1E106K085AC
C3216JB1C106K085AB
±20%
C3216JB1E106M085AC
C3216JB1C106M085AB
1.60±0.20
±10%
C3216JB1H106K160AB
C3216JB1V106K160AB
C3216JB1E106K160AB
C3216JB1C106K160AA
±20%
C3216JB1H106M160AB
C3216JB1V106M160AB
C3216JB1E106M160AB
C3216JB1C106M160AA
3225
2.00±0.20
±10%
C3225JB1C106K200AA
±20%
C3225JB1C106M200AA
2.50±0.30
±10%
C3225JB1H106K250AB
C3225JB1E106K250AA
±20%
C3225JB1H106M250AB
C3225JB1E106M250AA
4532
2.50±0.30
±10%
C4532JB1E106K250KA
±20%
C4532JB1E106M250KA
15 µF
2012
1.25±0.20
±20%
C2012JB1V156M125AC
C2012JB1E156M125AC
C2012JB1C156M125AC
3216
1.60±0.20
±20%
C3216JB1V156M160AC
C3216JB1E156M160AB
C3216JB1C156M160AB
3225
2.50±0.30
±20%
C3225JB1C156M250AA
4532
2.50±0.30
±20%
C4532JB1E156M250KA
22 µF
3216
1.60±0.20
±20%
C3216JB1V226M160AC
C3216JB1E226M160AB
C3216JB1C226M160AB
3225
2.50±0.30
±20%
C3225JB1C226M250AA
4532
2.00±0.20
±20%
C4532JB1C226M200KA
2.50±0.30
±20%
C4532JB1E226M250KA
5750
2.50±0.30
±20%
C5750JB1E226M250KA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com