Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 46 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 46 Page - TDK Electronics

Back Button C2012 Datasheet HTML 42Page - TDK Electronics C2012 Datasheet HTML 43Page - TDK Electronics C2012 Datasheet HTML 44Page - TDK Electronics C2012 Datasheet HTML 45Page - TDK Electronics C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
(46/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X5R (–55 to +85°C, ±15%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
Rated voltage Edc: 4V
47 nF
1005
0.50±0.05
±10%
C1005X5R1A473K050BA
±20%
C1005X5R1A473M050BA
68 nF
1005
0.50±0.05
±10%
C1005X5R1A683K050BA
±20%
C1005X5R1A683M050BA
100 nF
0603
0.30±0.03
±10%
C0603X5R1A104K030BC
±20%
C0603X5R1A104M030BC
1005
0.50±0.05
±10%
C1005X5R1A104K050BA
C1005X5R0J104K050BA
±20%
C1005X5R1A104M050BA
150 nF
0603
0.30±0.03
±10%
C0603X5R1A154K030BB
C0603X5R0J154K030BB
±20%
C0603X5R1A154M030BB
C0603X5R0J154M030BB
220 nF
0603
0.30±0.03
±10%
C0603X5R1A224K030BB
C0603X5R0J224K030BB
±20%
C0603X5R1A224M030BB
C0603X5R0J224M030BB
330 nF
0603
0.30±0.03
±20%
C0603X5R0J334M030BC
0.30±0.05
±10%
C0603X5R1A334K030BC
±20%
C0603X5R1A334M030BC
470 nF
0603
0.30±0.03
±20%
C0603X5R0J474M030BC
0.30±0.05
±20%
C0603X5R1A474M030BC
1608
0.80+0.15,-0.10
±10%
C1608X5R1A474K080AA
680 nF
1005
0.50±0.05
±10%
C1005X5R1A684K050BB
C1005X5R0J684K050BB
±20%
C1005X5R1A684M050BB
C1005X5R0J684M050BB
1608
0.80+0.15,-0.10
±10%
C1608X5R1A684K080AC
±20%
C1608X5R1A684M080AC
1 µF
1608
0.80+0.15,-0.10
±10%
C1608X5R1A105K080AC
±20%
C1608X5R1A105M080AC
1.5 µF
1005
0.50±0.05
±10%
C1005X5R1A155K050BC
C1005X5R0J155K050BB
±20%
C1005X5R1A155M050BC
C1005X5R0J155M050BB
2.2 µF
1005
0.50±0.05
±10%
C1005X5R1A225K050BC
C1005X5R0J225K050BC
C1005X5R0G225K050BB
±20%
C1005X5R1A225M050BC
C1005X5R0J225M050BC
C1005X5R0G225M050BB
2012
0.85±0.15
±10%
C2012X5R1A225K085AA
C2012X5R0J225K085AA
±20%
C2012X5R1A225M085AA
C2012X5R0J225M085AA
3.3 µF
1005
0.50±0.10
±10%
C1005X5R1A335K050BC
C1005X5R0J335K050BC
C1005X5R0G335K050BB
±20%
C1005X5R1A335M050BC
C1005X5R0J335M050BC
C1005X5R0G335M050BB
2012
1.25±0.20
±10%
C2012X5R1A335K125AA
±20%
C2012X5R1A335M125AA
4.7 µF
1005
0.50+0.15,-0.10
±10%
C1005X5R1A475K050BC
C1005X5R0J475K050BC
C1005X5R0G475K050BB
±20%
C1005X5R1A475M050BC
C1005X5R0J475M050BC
C1005X5R0G475M050BB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com