Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 39 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 39 Page - TDK Electronics

Back Button C2012 Datasheet HTML 35Page - TDK Electronics C2012 Datasheet HTML 36Page - TDK Electronics C2012 Datasheet HTML 37Page - TDK Electronics C2012 Datasheet HTML 38Page - TDK Electronics C2012 Datasheet HTML 39Page - TDK Electronics C2012 Datasheet HTML 40Page - TDK Electronics C2012 Datasheet HTML 41Page - TDK Electronics C2012 Datasheet HTML 42Page - TDK Electronics C2012 Datasheet HTML 43Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
(39/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: JB (–25 to +85°C, ±10%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 25V
Rated voltage Edc: 16V
33 µF
3216
1.60±0.20
±20%
C3216JB1E336M160AC
C3216JB1C336M160AB
4532
2.50±0.30
±20%
C4532JB1C336M250KA
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
Rated voltage Edc: 4V
1 nF
0402
0.20±0.02
±10%
C0402JB1A102K020BC
C0402JB0J102K020BC
C0402JB0G102K020BC
±20%
C0402JB1A102M020BC
C0402JB0J102M020BC
C0402JB0G102M020BC
1.5 nF
0402
0.20±0.02
±10%
C0402JB1A152K020BC
C0402JB0J152K020BC
C0402JB0G152K020BC
±20%
C0402JB1A152M020BC
C0402JB0J152M020BC
C0402JB0G152M020BC
2.2 nF
0402
0.20±0.02
±10%
C0402JB1A222K020BC
C0402JB0J222K020BC
C0402JB0G222K020BC
±20%
C0402JB1A222M020BC
C0402JB0J222M020BC
C0402JB0G222M020BC
6.8 nF
0603
0.30±0.03
±10%
C0603JB1A682K030BA
±20%
C0603JB1A682M030BA
10 nF
0603
0.30±0.03
±10%
C0603JB1A103K030BA
±20%
C0603JB1A103M030BA
15 nF
0603
0.30±0.03
±10%
C0603JB1A153K030BC
C0603JB0J153K030BA
±20%
C0603JB1A153M030BC
C0603JB0J153M030BA
47 nF
1005
0.50±0.05
±10%
C1005JB1A473K050BA
±20%
C1005JB1A473M050BA
68 nF
1005
0.50±0.05
±10%
C1005JB1A683K050BA
±20%
C1005JB1A683M050BA
100 nF
0603
0.30±0.03
±10%
C0603JB1A104K030BC
±20%
C0603JB1A104M030BC
1005
0.50±0.05
±10%
C1005JB1A104K050BA
±20%
C1005JB1A104M050BA
150 nF
0603
0.30±0.03
±10%
C0603JB1A154K030BB
C0603JB0J154K030BB
±20%
C0603JB1A154M030BB
C0603JB0J154M030BB
220 nF
0603
0.30±0.03
±10%
C0603JB1A224K030BB
C0603JB0J224K030BB
±20%
C0603JB1A224M030BB
C0603JB0J224M030BB
330 nF
0603
0.30±0.03
±20%
C0603JB0J334M030BC
0.30±0.05
±10%
C0603JB1A334K030BC
±20%
C0603JB1A334M030BC
470 nF
0603
0.30±0.03
±20%
C0603JB0J474M030BC
0.30±0.05
±20%
C0603JB1A474M030BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com