Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 47 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 47 Page - TDK Electronics

Back Button C2012 Datasheet HTML 43Page - TDK Electronics C2012 Datasheet HTML 44Page - TDK Electronics C2012 Datasheet HTML 45Page - TDK Electronics C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
(47/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X5R (–55 to +85°C, ±15%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
Rated voltage Edc: 4V
4.7 µF
2012
0.60±0.15
±10%
C2012X5R1A475K060AB
±20%
C2012X5R1A475M060AB
1.25±0.20
±10%
C2012X5R1A475K125AA
±20%
C2012X5R1A475M125AA
6.8 µF
1608
0.80±0.10
±10%
C1608X5R1A685K080AC
C1608X5R0J685K080AB
±20%
C1608X5R1A685M080AC
C1608X5R0J685M080AB
2012
0.60±0.15
±10%
C2012X5R1A685K060AC
±20%
C2012X5R1A685M060AC
0.85±0.15
±10%
C2012X5R1A685K085AB
C2012X5R0J685K085AB
±20%
C2012X5R1A685M085AB
C2012X5R0J685M085AB
10 µF
1608
0.80±0.10
±10%
C1608X5R1A106K080AC
C1608X5R0J106K080AB
±20%
C1608X5R1A106M080AC
C1608X5R0J106M080AB
2012
0.85±0.15
±10%
C2012X5R1A106K085AB
C2012X5R0J106K085AB
±20%
C2012X5R1A106M085AB
C2012X5R0J106M085AB
15 µF
1608
0.80±0.20
±20%
C1608X5R1A156M080AC
C1608X5R0J156M080AC
C1608X5R0G156M080AA
2012
0.85±0.15
±20%
C2012X5R1A156M085AC
C2012X5R0J156M085AB
1.25±0.20
±20%
C2012X5R1A156M125AB
3225
2.30±0.20
±20%
C3225X5R1A156M230AA
22 µF
1608
0.80±0.20
±20%
C1608X5R1A226M080AC
C1608X5R0J226M080AC
C1608X5R0G226M080AA
2012
0.85±0.15
±20%
C2012X5R1A226M085AC
C2012X5R0J226M085AB
1.25±0.20
±10%
C2012X5R1A226K125AB
C2012X5R0J226K125AB
±20%
C2012X5R1A226M125AB
3225
2.00±0.20
±10%
C3225X5R0J226K200AA
±20%
C3225X5R0J226M200AA
2.30±0.20
±20%
C3225X5R1A226M230AA
4532
2.30±0.20
±20%
C4532X5R1A226M230KA
33 µF
2012
1.25±0.20
±20%
C2012X5R1A336M125AC
C2012X5R0J336M125AC
3216
1.60±0.20
±20%
C3216X5R1A336M160AB
3225
2.00±0.20
±20%
C3225X5R1A336M200AC
C3225X5R0J336M200AA
2.50±0.30
±20%
C3225X5R0J336M250AA
4532
2.30±0.20
±20%
C4532X5R1A336M230KA
47 µF
2012
1.25±0.20
±20%
C2012X5R1A476M125AC
C2012X5R0J476M125AC
C2012X5R0G476M125AB
3216
1.60±0.20
±20%
C3216X5R1A476M160AB
3225
2.50±0.30
±20%
C3225X5R1A476M250AC
C3225X5R0J476M250AA
4532
2.50±0.30
±20%
C4532X5R0J476M250KA
2.80±0.30
±20%
C4532X5R1A476M280KA
68 µF
3216
1.60+0.30,-0.10
±20%
C3216X5R1A686M160AC
C3216X5R0J686M160AB
4532
2.80±0.30
±20%
C4532X5R0J686M280KA
5750
2.30±0.20
±20%
C5750X5R1A686M230KA
100 µF
3216
1.60+0.30,-0.10
±20%
C3216X5R1A107M160AC
C3216X5R0J107M160AB
C3216X5R0G107M160AB
3225
2.50+0.40,-0.30
±20%
C3225X5R1A107M250AC
C3225X5R0J107M250AB
4532
2.80±0.30
±20%
C4532X5R1A107M280KC
C4532X5R0J107M280KA
5750
2.80±0.30
±20%
C5750X5R1A107M280KC
C5750X5R0J107M280KA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com