Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 49 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 49 Page - TDK Electronics

Back Button C2012 Datasheet HTML 45Page - TDK Electronics C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics C2012 Datasheet HTML 53Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
(49/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X6S (–55 to +105°C, ±22%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
2.2 µF
1005
0.50+0.15,-0.10
±10%
C1005X6S1C225K050BC
±20%
C1005X6S1C225M050BC
1608
0.80±0.10
±10%
C1608X6S1C225K080AC
±20%
C1608X6S1C225M080AC
2012
0.85±0.15
±10%
C2012X6S1H225K085AC
C2012X6S1V225K085AB
C2012X6S1E225K085AB
C2012X6S1C225K085AB
±20%
C2012X6S1H225M085AC
C2012X6S1V225M085AB
C2012X6S1E225M085AB
C2012X6S1C225M085AB
1.25±0.20
±10%
C2012X6S1H225K125AB
C2012X6S1V225K125AB
C2012X6S1E225K125AC
±20%
C2012X6S1H225M125AB
C2012X6S1V225M125AB
C2012X6S1E225M125AC
3216
1.60±0.20
±10%
C3216X6S1H225K160AB
C3216X6S1V225K160AB
±20%
C3216X6S1H225M160AB
C3216X6S1V225M160AB
3.3 µF
1608
0.80±0.20
±10%
C1608X6S1C335K080AC
±20%
C1608X6S1C335M080AC
2012
1.25±0.20
±10%
C2012X6S1H335K125AC
C2012X6S1V335K125AB
C2012X6S1E335K125AC
C2012X6S1C335K125AC
±20%
C2012X6S1H335M125AC
C2012X6S1V335M125AB
C2012X6S1E335M125AC
C2012X6S1C335M125AC
3216
1.60±0.20
±10%
C3216X6S1H335K160AB
C3216X6S1V335K160AB
±20%
C3216X6S1H335M160AB
C3216X6S1V335M160AB
4.7 µF
1608
0.80±0.20
±10%
C1608X6S1C475K080AC
±20%
C1608X6S1C475M080AC
2012
0.85±0.15
±10%
C2012X6S1C475K085AC
±20%
C2012X6S1C475M085AC
1.25±0.20
±10%
C2012X6S1H475K125AC
C2012X6S1V475K125AB
C2012X6S1E475K125AC
C2012X6S1C475K125AC
±20%
C2012X6S1H475M125AC
C2012X6S1V475M125AB
C2012X6S1E475M125AC
C2012X6S1C475M125AC
3216
0.85±0.15
±10%
C3216X6S1V475K085AC
C3216X6S1E475K085AB
±20%
C3216X6S1V475M085AC
C3216X6S1E475M085AB
1.60±0.20
±10%
C3216X6S1H475K160AB
C3216X6S1V475K160AB
C3216X6S1E475K160AB
±20%
C3216X6S1H475M160AB
C3216X6S1V475M160AB
C3216X6S1E475M160AB
3225
2.50±0.30
±10%
C3225X6S1H475K250AB
±20%
C3225X6S1H475M250AB
6.8 µF
2012
1.25±0.20
±10%
C2012X6S1C685K125AC
±20%
C2012X6S1C685M125AC
3216
1.60±0.20
±10%
C3216X6S1V685K160AC
C3216X6S1E685K160AB
C3216X6S1C685K160AC
±20%
C3216X6S1V685M160AC
C3216X6S1E685M160AB
C3216X6S1C685M160AC
3225
2.50±0.30
±10%
C3225X6S1H685K250AC
C3225X6S1V685K250AC
C3225X6S1E685K250AB
±20%
C3225X6S1H685M250AC
C3225X6S1V685M250AC
C3225X6S1E685M250AB
10 µF
2012
0.85±0.15
±10%
C2012X6S1C106K085AC
±20%
C2012X6S1C106M085AC
1.25±0.20
±10%
C2012X6S1C106K125AC
±20%
C2012X6S1C106M125AC
3216
0.85±0.15
±10%
C3216X6S1C106K085AC
±20%
C3216X6S1C106M085AC
1.60±0.20
±10%
C3216X6S1V106K160AC
C3216X6S1E106K160AB
C3216X6S1C106K160AB
±20%
C3216X6S1V106M160AC
C3216X6S1E106M160AB
C3216X6S1C106M160AB
3225
2.50±0.30
±10%
C3225X6S1H106K250AC
C3225X6S1V106K250AC
C3225X6S1E106K250AC
±20%
C3225X6S1H106M250AC
C3225X6S1V106M250AC
C3225X6S1E106M250AC
15 µF
2012
1.25±0.20
±20%
C2012X6S1C156M125AC
3216
1.60±0.20
±20%
C3216X6S1C156M160AC
22 µF
2012
1.25±0.20
±20%
C2012X6S1C226M125AC
3216
1.60±0.20
±20%
C3216X6S1C226M160AC
1.60+0.30,-0.10
±20%
C3216X6S1E226M160AC
3225
2.50±0.30
±20%
C3225X6S1C226M250AC
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
Rated voltage Edc: 4V
100 pF
0402
0.20±0.02
±10%
C0402X6S1A101K020BC
C0402X6S0J101K020BC
C0402X6S0G101K020BC
±20%
C0402X6S1A101M020BC
C0402X6S0J101M020BC
C0402X6S0G101M020BC
150 pF
0402
0.20±0.02
±10%
C0402X6S1A151K020BC
C0402X6S0J151K020BC
C0402X6S0G151K020BC
±20%
C0402X6S1A151M020BC
C0402X6S0J151M020BC
C0402X6S0G151M020BC
220 pF
0402
0.20±0.02
±10%
C0402X6S1A221K020BC
C0402X6S0J221K020BC
C0402X6S0G221K020BC
±20%
C0402X6S1A221M020BC
C0402X6S0J221M020BC
C0402X6S0G221M020BC
330 pF
0402
0.20±0.02
±10%
C0402X6S1A331K020BC
C0402X6S0J331K020BC
C0402X6S0G331K020BC
±20%
C0402X6S1A331M020BC
C0402X6S0J331M020BC
C0402X6S0G331M020BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com