Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VGQ7ATR Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32WB55VGQ7ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VGQ7ATR Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32WB55VGQ7ATR Datasheet HTML 78Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 79Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 80Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 81Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 82Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 83Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 84Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 85Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 196 page
background image
Electrical characteristics
STM32WB55xx STM32WB35xx
82/196
DS11929 Rev 14
6.1.6
Power supply scheme
Figure 16. Power supply scheme (all packages except UFBGA129 and WLCSP100)
1. The value of L1 depends upon the frequency, as indicated in Table 6.
2. VREF+ connection is not available on UFQFPN48 package.
MS53167V5
VDD
Backup circuitry
(LSE, RTC and
backup registers)
Kernel logic
(CPU, digital
and memories
IO
logic
IN
OUT
Regulator
GPIOs
1.55 V to 3.6 V
n x 100 nF + 1 x 4.7 μF
n x VDD
VBAT
VCORE
Power switch
VDDIO1
ADC
COMPs
VREF+
(2)
VREF-
VDDA
10 nF + 1 μF
VDDA
SMPS
Regulator
VDDSMPS
VLXSMPS
VFBSMPS
VSSSMPS
4.7 μF
VDD
L1
(1)
Exposed pad
4.7 μF
To all modules
SMPS
USB
transceiver
Radio
100 nF
VDDUSB
100 nF
+ 100 pF
VDDRF
VSSRF
VDD
VDD
VSS
100 nF + 1 μF
VSS
VSS
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com