Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VGQ7ATR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32WB55VGQ7ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VGQ7ATR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32WB55VGQ7ATR Datasheet HTML 22Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 23Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 24Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 25Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 26Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 27Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 28Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 29Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 196 page
background image
Functional overview
STM32WB55xx STM32WB35xx
26/196
DS11929 Rev 14
Figure 4. External components for the RF part
Note:
For more details refer to AN5165 “Development of RF hardware using STM32WB
microcontrollers” available on www.st.com.
3.7
Power supply management
3.7.1
Power supply distribution
The device integrate an SMPS step-down converter to improve low power performance
when the VDD voltage is high enough. This converter has an intelligent mode that
automatically enters in bypass mode when the VDD voltage falls below a specific BORx
(x = 1, 2, 3 or 4) voltage.
By default, at reset, the SMPS is in bypass mode.
The device can be operated without the SMPS by just wiring its output to VDD. This is the
case for applications where the voltage is low, or where the power consumption is not
critical.
Table 5. Typical external components
Component
Description
Value
C1
Decoupling capacitance for RF
100 nF // 100 pF
X1
32 MHz crystal(1)
1. e.g. NDK reference: NX2016SA 32 MHz EXS00A-CS06654.
32 MHz
Antenna filter
Antenna filter and matching network
Refer to AN5165, on www.st.com
Antenna
2.4 GHz band antenna
-
MS53575V1
STM32WB
microcontroller
VDD
OSC_IN
OSC_OUT
VDDRF
VSSRF
RF1
Antenna
Cf1
Cf2
Lf1
Lf2
X1
C1
Antenna filter
(including exposed pad)
32 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com