Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VGQ7ATR Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32WB55VGQ7ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VGQ7ATR Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32WB55VGQ7ATR Datasheet HTML 84Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 85Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 86Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 87Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 88Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 89Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 90Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 91Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 196 page
background image
Electrical characteristics
STM32WB55xx STM32WB35xx
88/196
DS11929 Rev 14
6.3.3
RF Bluetooth Low Energy characteristics
RF characteristics are given at 1 Mbps, unless otherwise specified.
VFBSMPS SMPS Feedback voltage
-
1.4
3.6
V
VDDRF Minimum RF voltage
-
1.71
3.6
VDDUSB USB supply voltage
USB used
3.0
3.6
USB not used
0
3.6
VIN
I/O input voltage
TT_xx I/O
–0.3
VDD + 0.3
All I/O except TT_xx
–0.3
min (min (VDD, VDDA,
VDDUSB, VLCD) + 3.6 V,
5.5 V)(4)(5)
PD
Power dissipation at
TA = 85 °C for suffix 6
or
TA = 105 °C for suffix 7(6)
UFQFPN48
-
803
mW
VFQFPN68
-
425
WLCSP100
-
558
UFBGA129
-
481
TA
Ambient temperature for the
suffix 6 version
Maximum power dissipation
–40
85
°C
Low-power dissipation(7)
105
Ambient temperature for the
suffix 7 version
Maximum power dissipation
–40
105
Low-power dissipation(7)
125
TJ
Junction temperature range
Suffix 6 version
–40
105
Suffix 7 version
125
1. When RESET is released functionality is guaranteed down to VBOR0 Min.
2. When VDDmin is lower then 1.95 V, the SMPS operation mode must be conditioned by enabling the BORH configuration to
force SMPS bypass mode, or the SMPS must not be enabled.
3. When not used, VDDA must be connected to VDD.
4. This formula has to be applied only on the power supplies related to the IO structure described by the pin definition table.
Maximum I/O input voltage is the smallest value between min (VDD, VDDA, VDDUSB, VLCD) + 3.6 V and 5.5V.
5. For operation with voltage higher than min (VDD, VDDA, VDDUSB, VLCD) + 0.3 V, the internal pull-up and pull-down resistors
must be disabled.
6. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Section 7.5: Thermal
characteristics).
7. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see Section 7.5:
Thermal characteristics).
Table 24. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
Table 25. RF transmitter Bluetooth Low Energy characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Fop
Frequency operating range
-
2402
-
2480
MHz
Fxtal
Crystal frequency
--
32
-
∆F
Delta frequency
--
250
-
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com