Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VGQ7ATR Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32WB55VGQ7ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VGQ7ATR Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32WB55VGQ7ATR Datasheet HTML 85Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 86Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 87Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 88Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 89Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 90Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 91Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 92Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 196 page
background image
DS11929 Rev 14
89/196
STM32WB55xx STM32WB35xx
Electrical characteristics
169
Rgfsk
On Air data rate
--
1
2
Mbps
PLLres
RF channel spacing
--
2
-
MHz
Table 25. RF transmitter Bluetooth Low Energy characteristics (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 26. RF transmitter Bluetooth Low Energy characteristics (1 Mbps)(1)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Prf
Maximum output power
SMPS Bypass (VDD > 1.71 V) or
ON (VFBSMPS = 1.7 V and
VDD > 1.95 V)(2)
-6.0
-
dBm
SMPS Bypass (VDD > 1.71 V) or
ON (VFBSMPS = 1.4 V and
VDD > 1.95 V), Code 29(2)(3)
-3.7
-
0 dBm output power
--
0
-
Minimum output power
--
-20
-
Pband
Output power variation over the band Tx = 0 dBm - Typical
-0.5
-
0.4
dB
BW6dB
6 dB signal bandwidth
Tx = maximum output power
-
670
-
kHz
IBSE
In band spurious emission
2 MHz
Bluetooth® Low Energy: -20 dBm
-
-50
-
dBm
≥ 3 MHz
Bluetooth® Low Energy: -30 dBm
-
-53
-
fd
Frequency drift
Bluetooth® Low Energy: ±50 kHz
-50
-
+50
kHz
maxdr
Maximum drift rate
Bluetooth® Low Energy:
±20 kHz / 50 µs
-20
-
+20
kHz/
50 µs
fo
Frequency offset
Bluetooth® Low Energy:
±150 kHz
-150
-
+150
kHz
∆f1
Frequency deviation average
Bluetooth® Low Energy:
between 225 and 275 kHz
225
-
275
∆fa
Frequency deviation
∆f2 (average) / ∆f1 (average)
Bluetooth® Low Energy:> 0.80
0.80
-
-
-
OBSE(4)
Out of band
spurious emission
< 1 GHz
-
-
-61
-
dBm
≥ 1 GHz
-
-
-46
-
1. Measured in conducted mode, based on reference design (see AN5165), using output power specific external RF filter and
impedance matching networks to interface with a 50 Ω antenna.
2. VFBSMPS and VDD must be set to different voltage levels, depending upon the desired TX signal (see AN5246 Usage of
SMPS on STM32WB Series microcontrollers, available on www.st.com).
3. Code 29 means Tx Power (PA_Level) selection of 29 (25 being 0 dBm).
4. Suitable for systems targeting compliance with worldwide radio-frequency regulations ETSI EN 300 328 and EN 300 440
Class 2 (Europe), FCC CFR47 Part 15 (US), and ARIB STD-T66 (Japan).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com