Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VGQ7ATR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32WB55VGQ7ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VGQ7ATR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32WB55VGQ7ATR Datasheet HTML 10Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 11Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 12Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 13Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 14Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 15Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 16Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 17Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 196 page
background image
Description
STM32WB55xx STM32WB35xx
14/196
DS11929 Rev 14
The STM32WB55xx and STM32WB35xx integrate a high efficiency SMPS step-down
converter with automatic bypass mode capability when the VDD falls below VBORx (x = 1, 2,
3, 4) voltage level (default is 2.0 V). It includes independent power supplies for analog input
for ADC and comparators, as well as a 3.3 V dedicated supply input for USB.
A VBAT dedicated supply allows the devices to back up the LSE 32.768 kHz oscillator, the
RTC and the backup registers, thus enabling the STM32WB55xx and STM32WB35xx to
supply these functions even if the main VDD is not present through a CR2032-like battery, a
Supercap or a small rechargeable battery.
The STM32WB55xx offer four packages, from 48 to 129 pins. The STM32WB35xx offer one
package, 48 pins.
Table 2. STM32WB55xx and STM32WB35xx devices features and peripheral counts
Feature
STM32WB55Cx
STM32WB55Rx
STM32WB55Vx
STM32WB35Cx
Memory
density
(bytes)
Flash
256 K 512 K
1 M
256 K 512 K
1 M
256 K 512 K
1 M
640 K 256 K
512 K
SRAM
128 K 256 K 256 K 128 K 256 K 256 K 128 K 256 K
256 K
96 K
SRAM1
64 K
192 K
64 K
192 K
64 K
192 K
32 KB
SRAM2
64 K
Bluetooth Low
Energy
5.3 (2 Mbps)
802.15.4
Yes
Timers
Advanced
1 (16 bits)
General
purpose
2 (16 bits) + 1 (32 bits)
Low power
2 (16 bits)
SysTick
1
SPI
1
2
1
I2C
2
USART(1)
1
LPUART
1
SAI
2 channels
USB FS
Yes
QSPI
1
RTC
1
Tamper pin
1
3
1
Wakeup pin
2
5
2
LCD, COMxSEG
Yes, 4x13
Yes, 4x28
Yes, 8x40 or 4x44
No
GPIOs
30
49
72
30
Capacitive sensing
No
6
18
No
12-bit ADC
Number of channels
13 channels
(incl. 3 internal)
19 channels
(incl. 3 internal)
13 channels
(incl. 3 internal)
Internal Vref
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com