Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VGQ7ATR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM32WB55VGQ7ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VGQ7ATR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32WB55VGQ7ATR Datasheet HTML 20Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 21Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 22Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 23Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 24Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 25Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 26Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 27Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 196 page
background image
Functional overview
STM32WB55xx STM32WB35xx
24/196
DS11929 Rev 14
It integrates a 2.4 GHz RF transceiver and a powerful Cortex®-M0+ core, on which a
complete power-optimized stack for Bluetooth Low Energy protocol runs, providing
master / slave role support
•
GAP: central, peripheral, observer or broadcaster roles
•
ATT/GATT: client and server
•
SM: privacy, authentication and authorization
•
L2CAP
•
Link layer: AES-128 encryption and decryption
In addition, according to Bluetooth specification 5.3, the Bluetooth Low Energy block
provides:
•
Multiple roles simultaneous support
•
Master/slave and multiple roles simultaneously
•
LE data packet length extension (making it possible to reach 800 kbps at application
level)
•
LE privacy 1.2
•
LE secure connections
•
Flexible Internet connectivity options
•
High data rate (2 Mbps)
The devices support Piconet topology (master with up to eight slaves), Scatternet topology
(master with up to six slaves and dynamically as slave with up to two masters, or master
with up to four slaves and dynamically as slave with up to four masters), and multi slave
topology (slave with up to eight masters).
The device allows the applications to meet the tight peak current requirements imposed by
the use of standard coin cell batteries. When the high efficiency embedded SMPS
step-down converter is used, the RF front end consumption (Itmax) is only 7.8 mA at the
highest output power (+6 dBm).
The power efficiency of the subsystem is optimized: while running with the radio and the
applicative cores simultaneously using the SMPS, the Cortex®-M4 core consumption
reaches 53 µA / MHz in active mode.
Ultra-low-power sleep modes and very short transition time between operating modes result
in very low average current consumption during real operating conditions, resulting in longer
battery life.
The Bluetooth Low Energy block integrates a full bandpass balun, thus reducing the need
for external components.
The link between the Cortex®-M4 application processor (CPU1) running the application, and
the Bluetooth Low Energy stack running on the dedicated Cortex®-M0+ (CPU2) is
performed through a normalized API, using a dedicated IPCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com