Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VGQ7ATR Datasheet(PDF) 87 Page - STMicroelectronics

Part # STM32WB55VGQ7ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VGQ7ATR Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM32WB55VGQ7ATR Datasheet HTML 83Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 84Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 85Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 86Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 87Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 88Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 89Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 90Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 196 page
background image
DS11929 Rev 14
87/196
STM32WB55xx STM32WB35xx
Electrical characteristics
169
6.3
Operating conditions
6.3.1
Summary of main performance
6.3.2
General operating conditions
Table 23. Main performance at VDD = 3.3 V
Parameter
Test conditions
Typ
Unit
ICORE
Core current
consumption
VBAT (VBAT = 1.8 V, VDD = 0 V)
0.002
µA
Shutdown (VDD = 1.8 V)
0.013
Standby (VDD = 1.8 V, 32 Kbytes RAM retention)
0.320
Stop2
1.85
Sleep (16 MHz)
740
LP run (2 MHz)
320
Run (64 MHz)
5000
Radio RX(1)
4500
Radio TX 0 dBm output power(1)
5200
IPERI
Peripheral
current
consumption
Bluetooth
Low
Energy
Advertising with Stop 2(2)
(Tx = 0 dBm; Period 1.28 s; 31 bytes, 3 channels)
13
Advertising with Stop 2(2)
(Tx = 0 dBm, 6 bytes; period 10.24 s, 3 channels)
4
LP timers
-
6
I2C3
-
7.1
LPUART
-
7.7
RTC
-
2.5
1. Power consumption including RF subsystem and digital processing.
2. Power consumption averaged over 100 s, including Cortex-M4, RF subsystem, digital processing and Cortex-M0+.
Table 24. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
64
MHz
fPCLK1 Internal APB1 clock frequency
-
0
64
fPCLK2 Internal APB2 clock frequency
-
0
64
VDD
Standard operating voltage
-
1.71(1)(2)
3.6
V
VDDA
Analog supply voltage
ADC or COMP used
1.62
3.6
VREFBUF used
2.4
ADC, COMP, VREFBUF
not used(3)
1.71
VBAT
Backup operating voltage
-
1.55
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com