Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VGQ7ATR Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32WB55VGQ7ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VGQ7ATR Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32WB55VGQ7ATR Datasheet HTML 89Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 90Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 91Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 92Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 93Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 94Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 95Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 96Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 196 page
background image
DS11929 Rev 14
93/196
STM32WB55xx STM32WB35xx
Electrical characteristics
169
6.3.4
RF 802.15.4 characteristics
P_IMD
Intermodulation
|f2-f1| = 6 MHz
Bluetooth® Low Energy: -50 dBm
-29
dBm
|f2-f1| = 8 MHz
Bluetooth® Low Energy: -50 dBm
-30
|f2-f1| = 10 MHz
Bluetooth® Low Energy: -50 dBm
-29
P_OBB
Out of band blocking
30 to 2000 MHz
Bluetooth® Low Energy: -30 dBm
-3
2003 to 2399 MHz
Bluetooth® Low Energy: -35 dBm
-9
2484 to 2997 MHz
Bluetooth® Low Energy: -35 dBm
-3
3 to 12.75 GHz
Bluetooth® Low Energy: -30 dBm
4
1. With ideal TX.
Table 29. RF receiver Bluetooth Low Energy characteristics (2 Mbps) (continued)
Symbol
Parameter
Test conditions
Typ
Unit
Table 30. RF Bluetooth Low Energy power consumption for VDD = 3.3 V(1)
1. Power consumption including RF subsystem and digital processing.
Symbol
Parameter
Typ
Unit
Itxmax
TX maximum output power consumption (SMPS Bypass)
12.7
mA
TX maximum output power consumption (SMPS On, VFBSMPS = 1.7 V)
7.8
Itx0dbm
TX 0 dBm output power consumption (SMPS Bypass)
8.8
TX 0 dBm output power consumption (SMPS On, VFBSMPS = 1.4 V)
5.2
Irxlo
Rx consumption (SMPS Bypass)
7.9
Rx consumption (SMPS On, VFBSMPS = 1.4 V)
4.5
Table 31. RF transmitter 802.15.4 characteristics
Symbol
Parameter
Conditions
Min
Typ Max Unit
Fop
Frequency operating range
-
2405
-
2480
MHz
Fxtal
Crystal frequency
-
-
32
-
∆F
Delta frequency
-
-
5
-
Roqpsk On air data rate
-
-
250
-
kbps
PLLres RF channel spacing
-
-
5
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com