Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VGQ7ATR Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32WB55VGQ7ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VGQ7ATR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32WB55VGQ7ATR Datasheet HTML 25Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 26Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 27Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 28Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 29Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 30Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 31Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 32Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 196 page
background image
DS11929 Rev 14
29/196
STM32WB55xx STM32WB35xx
Functional overview
57
Figure 7. STM32WB55xx - Power supply overview
1. The USB transceiver is powered by VDDUSB, and the GPIOs associated with USB are powered by VDDUSB
when USB alternate function (PA11 and PA12) is selected. When USB alternate function is not selected
the GPIOs associated with USB are powered as standard GPIOs.
MS41410V8
VBAT
IOs
Wakeup domain (VDDIO)
Analog domain
Interruptible domain (VDD12I)
Switch domain (VSW)
(CPU1, CPU2,
peripherals,
SRAM1,
SRAM2b)
Power switch
VBAT
ADC
VDDA
VREF+
VREF-
VSSA
VDD
HSI, HSE,
2xPLL,
LSI1, LSI2,
IWDG, RF
IOs
VSS
REF_BUF
VSS
IO
logic
VREF+
VSW
LSE, RTC,
backup
registers
IO
logic
Backup domain
SMPS
Power switch
VSS
VBKP12
SRAM2a
Power
switch
VSS
On domain (VDD12O)
Power
switch
VSS
SysConfig, AIEC,
RCC, PwrCtrl,
LPTIM, LPUSART
=
=
VUSB
IOs
USB domain (VUSB)
VSS
VSS
USB
transceiver
(1)
VDDUSB
LCD
VLCD
LPR
MR
RFR
VLXSMPS
VFBSMPS
VDDSMPS
RF domain
Radio
VDDRF
VSSRF
(including
exposed pad)
VSS
VSSSMPS
VSS
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com