Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VGQ7ATR Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32WB55VGQ7ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VGQ7ATR Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32WB55VGQ7ATR Datasheet HTML 104Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 105Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 106Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 107Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 108Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 109Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 110Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 111Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 196 page
background image
IDD
(wakeup
from
Stop1)
Supply
current
during
wakeup from
Stop 1
bypass mode
Wakeup clock
HSI16,
voltage Range 2.
See (4).
3.0 V
-
129
-
-
-
-
-
-
-
-
µA
Wakeup clock
MSI = 32 MHz,
voltage Range 1.
See (4).
3.0 V
-
124
-
-
-
-
-
-
-
-
Wakeup clock
MSI = 4 MHz,
voltage Range 2.
See (4).
3.0 V
-
207
-
-
-
-
-
-
-
-
1. Guaranteed based on test during characterization, unless otherwise specified.
2. LCD enabled with external voltage source. Consumption from VLCD excluded. Refer to LCD controller characteristics for IVLCD
3. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
4. Wakeup with code execution from flash. Average value given for a typical wakeup time as specified in Table 51: Low-power mode wakeup
timings.
Table 44. Current consumption in Stop 1 mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 0 °C 25 °C 85 °C 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com