Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VGQ7ATR Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32WB55VGQ7ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VGQ7ATR Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32WB55VGQ7ATR Datasheet HTML 109Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 110Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 111Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 112Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 113Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 114Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 115Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 116Page - STMicroelectronics STM32WB55VGQ7ATR Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 196 page
background image
Table 49. Current under Reset condition
Symbol
Conditions
TYP
MAX(1)
1. Guaranteed by characterization results, unless otherwise specified.
Unit
0 °C
25 °C
40 °C
55 °C
85 °C
105 °C
0 °C
25 °C
40 °C
55 °C
85 °C
105 °C
IDD(RST)
1.8 V
-
410
-
-
---
--
--
-
µ
A
2.4 V
-
-
-
-
---
--
--
-
3.0 V
-
550
-
-
---
750
-
--
-
3.6 V
-
750
-
-
---
--
--
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com