Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB2 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 28Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 29Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 30Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 31Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 32Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 33Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 34Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 35Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
INTERRUPTS
MC68HC705JB2
4-2
REV 1.1
An RTI instruction is used to signify when the interrupt software service routine is
completed. The RTI instruction causes the register contents to be recovered from
the stack and normal processing to resume at the next instruction that was to be
executed when the interrupt took place. Figure 4-1 shows the sequence of events
that occur during interrupt processing.
4.2
RESET INTERRUPT SEQUENCE
The RESET function is not in the strictest sense an interrupt; however, it is acted
upon in a similar manner as shown in Figure 4-1. A low level input on the RESET
pin or an internally generated RST signal causes the program to vector to its
starting address which is specified by the contents of memory locations $1FFE
and $1FFF. The I-bit in the condition code register is also set.
Table 4-1. Reset/Interrupt Vector Addresses
Function
Source
Control
Bit
Global
Hardware
Mask
Local
Software
Mask
Priority
(1 = Highest)
Vector
Address
Reset
Power-On Logic
RESET Pin
Low Voltage Reset
Illegal Address Reset
USB Reset
—
—
—
1
$1FFE–$1FFF
Software
Interrupt (SWI)
User Code
—
—
—
Same Priority
As Instruction
$1FFC–$1FFD
External
Interrupt (IRQ)
IRQ Pin
—
I Bit
IRQE Bit
2
$1FFA–$1FFB
USB
Interrupts
TXD0F
TXD1F
RESUMF
—
I Bit
TXD0IE
TXD1IE
—
3
$1FF8–$1FF9
Timer1
Interrupts
ICF Bit
OCF Bit
TOF Bit
—
I Bit
ICIE Bit
OCIE Bit
TOIE Bit
4
$1FF6–$1FF7
MFT
Interrupts
TOF Bit
RTIF
—
I Bit
TOFE Bit
RTIE Bit
5
$1FF4–$1FF5
Reserved
$1FF2–$1FF3
Reserved
$1FF0–$1FF1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com