Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB2 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 87Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 88Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 89Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 90Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 91Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 92Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 93Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 94Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
UNIVERSAL SERIAL BUS MODULE
REV 1.1
10-23
TP0SIZ3-TP0SIZ0 — Endpoint 0 Transmit Data Packet Size
These read/write bits store the number of transmit data bytes for the next IN
token request for Endpoint 0. These bits are cleared by reset.
10.5.5 USB Control Register 1 (UCR1)
T1SEQ — Endpoint1/Endpoint 2 Transmit Sequence Bit
This read/write bit determines which type of data packet (DATA0 or DATA1) will
be sent during the next IN transaction directed to Endpoint 1 or Endpoint 2.
Toggling of this bit must be controlled by software. Reset clears this bit.
1 =
DATA1 Token active for next Endpoint 1/Endpoint 2 transmit
0 =
DATA0 Token active for next Endpoint 1/Endpoint 2 transmit
ENDADD — Endpoint Address Select
This read/write bit specifies whether the data inside the registers UE1D0-
UE1D7 are used for Endpoint 1 or Endpoint 2. If all the conditions for a
successful Endpoint 2 USB response to a hosts IN token are satisfied
(TXD1F=0, TX1E=1, STALL2=0, and ENABLE2=1) except that the ENDADD bit
is configured for Endpoint 1, the USB responds with a NAK handshake packet.
1 =
The data buffers are used for Endpoint 2
0 =
The data buffers are used for Endpoint 1
TX1E — Endpoint 1/Endpoint 2 Transmit Enable
This read/write bit enables a transmit to occur when the USB Host controller
sends an IN token to Endpoint 1 or Endpoint 2. The appropriate endpoint
enable bit, ENABLE1 or ENABLE2 bit in the UCR2 register, should also be set.
Software should set the TX1E bit when data is ready to be transmitted. It must
be cleared by software when no more data needs to be transmitted.
If this bit is 0 or the TXD1F is set, the USB will respond with a NAK handshake
to any Endpoint 1 or Endpoint 2 directed IN tokens. Reset clears this bit.
1 =
Data is ready to be sent.
0 =
Data is not ready. Respond with NAK.
FRESUM — Force Resume
This read/write bit forces a resume state (“K” or non-idle state) onto the USB
data lines to initiate a remote wake-up. Software should control the timing of the
forced resume to be between 10ms and 15 ms. Setting this bit will not cause
the RESUMF bit to set.
1 =
Force data lines to “K” state
0 =
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
UCR1
R
T1SEQ
ENDADD
TX1E
FRESUM TP1SZ3 TP1SIZ2 TP1SIZ1 TP1SIZ0
$003C
W
reset
⇒
00000000
Figure 10-24. USB Control Register 1 (UCR1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com