Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB2 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 56Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 57Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 58Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 59Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 60Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 61Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 62Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 63Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
PROGRAMMABLE TIMER
MC68HC705JB2
9-2
REV 1.1
The basis of the 16-bit Timer is a 16-bit free-running counter which increases in
count with each internal bus clock cycle. The counter is the timing reference for
the input capture and output compare functions. The input capture and output
compare functions provide a means to latch the times at which external events
occur, to measure input waveforms, and to generate output waveforms and timing
delays. Software can read the value in the 16-bit free-running counter at any time
without affect the counter sequence.
Because of the 16-bit timer architecture, the I/O registers for the input capture and
output compare functions are pairs of 8-bit registers. Each register pair contains
the high and low byte of that function. Generally, accessing the low byte of a
specific timer function allows full control of that function; however, an access of
the high byte inhibits that specific timer function until the low byte is also
accessed.
Because the counter is 16 bits long and preceded by a fixed divide-by-four
prescaler, the counter rolls over every 262,144 internal clock cycles. Timer
resolution with a 4MHz crystal oscillator is 2 microsecond/count.
The interrupt capability, the input capture edge, and the output compare state are
controlled by the timer control register (TCR) located at $0012 and the status of
the interrupt flags can be read from the timer status register (TSR) located at
$0013.
9.1
TIMER REGISTERS (TMRH, TMRL)
The functional block diagram of the 16-bit free-running timer counter and timer
registers is shown in Figure 9-2. The timer registers include a transparent buffer
latch on the LSB of the 16-bit timer counter.
Figure 9-2. Programmable Timer Counter Block Diagram
TMRH ($0018)
TMR LSB
16-BIT COUNTER
÷ 4
INTERNAL
(fOSC ÷ 2)
TIMER CONTROL REG.
TIMER
REQUEST
OVERFLOW (TOF)
RESET
CLOCK
INTERRUPT
TMRL ($0019)
TIMER STATUS REG.
$0012
$0013
INTERNAL
($FFFC)
DATA
READ
TMRH
READ
TMRL
READ
LATCH
BUS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com