Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB2 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 36Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 37Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 38Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 39Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 40Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 41Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 42Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 43Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
RESETS
MC68HC705JB2
5-2
REV 1.1
5.1
EXTERNAL RESET (RESET)
The RESET pin is the only external source of a reset. This pin is connected to a
Schmitt trigger input gate to provide an upper and lower threshold voltage
separated by a minimum amount of hysteresis. This external reset occurs
whenever the RESET pin is pulled below the lower threshold and remains in reset
until the RESET pin rises above the upper threshold. This active low input will
generate the RST signal and reset the CPU and peripherals. This pin is also an
output pin whenever the LVR triggers an internal reset. Termination of the external
RESET input or the USB reset or LVR are the only reset sources that can alter the
operating mode of the MCU.
NOTE
Activation of the RST signal is generally referred to as reset of the
device, unless otherwise specified.
5.2
INTERNAL RESETS
The four internally generated resets are the initial power-on reset function, the
USB reset flag reset, the illegal address detector reset and the low voltage reset
(LVR). Termination of the external RESET input or LVR or USB reset or ILADR are
the reset sources that can alter the operating mode of the MCU. The other internal
resets will not have any effect on the mode of operation when their reset state
ends.
5.2.1 Power-On Reset (POR)
The internal POR is generated on power-up to allow the clock oscillator to
stabilize. The POR is strictly for power turn-on conditions and is not able to detect
a drop in the power supply voltage (brown-out). There is an oscillator stabilization
delay of 128 or 4064 internal processor bus clock cycles (PH2) for Ceramic
Resonator or Crystal after the oscillator becomes active.
The POR will generate the RST signal which will reset the CPU. If any other reset
function is active at the end of this 128 or 4064 cycle delay, the RST signal will
remain in the reset condition until the other reset condition(s) end.
5.2.2 USB Reset
The USB reset is generated by a detection on the USB bus reset signal. For
MC68HC705JB2, seeing a single-end zero on its upstream port for 4 to 8 bit times
will set RSTF bit in UIR0 register. The detections will also generate the RST signal
to reset the CPU and other peripherals in the MCU.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com