Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB2 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 85Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 86Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 87Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 88Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 89Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 90Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 91Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 92Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
UNIVERSAL SERIAL BUS MODULE
REV 1.1
10-21
TXD1F — Endpoint 1/Endpoint 2 Data Transmit Flag
This read only bit is shared by Endpoint 1 and Endpoint 2. It is set after the data
stored in the shared Endpoint 1/Endpoint 2 transmit buffer has been sent and
an ACK handshake packet from the host is received. Once the next set of data
is ready in the transmit buffers, software must clear this flag by writing a logic 1
to the TXD1FR bit. To enable the next data packet transmission, TX1E must
also be set. If TXD1F bit is not cleared, a NAK handshake will be returned in
the next IN transaction.
Reset clears this bit. Writing a logic 0 to TXD1F has no effect.
1 =
Transmit on Endpoint 1 or Endpoint 2 has occurred
0 =
Transmit on Endpoint 1 or Endpoint 2 has not occurred
EOPF — End of Packet Detect Flag
This read only bit is set when a valid End-of-Packet sequence is detected on
the D+ and D- lines. Software must clear this flag by writing a logic 1 to the
EOPFR bit.
Reset clears this bit. Writing a logic 0 to EOPF has no effect.
1 =
End-of-Packet sequence has been detected
0 =
End-of-Packet sequence has not been detected
RESUMF — Resume Flag
This read only bit is set when USB bus activity is detected while the SUSPND
bit is set. Software must clear this flag by writing a logic 1 to the RESUMFR bit.
Reset clears this bit. Writing a logic 0 to RESUMF has no effect.
1 =
USB bus activity has been detected
0 =
No USB bus activity has been detected
RESUMFR — Resume Flag Reset
Writing a logic 1 to this write only bit will clear the RESUMF bit if it is set.
Writing a logic 0 to RESUMFR has no effect. Reset clears this bit.
TXD1IE — Endpoint 1/Endpoint 2 Transmit Interrupt Enable
This read/write bit enables the USB to generate an interrupt when the shared
Transmit Endpoint 1/Endpoint 2 interrupt flag (TXD1F) bit becomes set. Reset
clears this bit.
1 =
USB interrupts enabled for Transmit Endpoints 1 and 2
0 =
USB interrupts disabled for Transmit Endpoints 1 and 2
EOPIE — End of Packet Detect Interrupt Enable
This read/write bit enables the USB to generate an interrupt when the EOPF bit
becomes set. Reset clears this bit.
1 =
USB interrupts enabled for Transmit Endpoints 1 and 2
0 =
USB interrupts disabled for Transmit Endpoint 1 and 2
TXD1FR — Endpoint 1/Endpoint 2 Transmit Flag Reset
Writing a logic 1 to this write only bit will clear the TXD1F bit if it is set. Writing a
logic 0 to TXD1FR has no effect. Reset clears this bit.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com